Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1310 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 13Page - STMicroelectronics SPEAR1310 Datasheet HTML 14Page - STMicroelectronics SPEAR1310 Datasheet HTML 15Page - STMicroelectronics SPEAR1310 Datasheet HTML 16Page - STMicroelectronics SPEAR1310 Datasheet HTML 17Page - STMicroelectronics SPEAR1310 Datasheet HTML 18Page - STMicroelectronics SPEAR1310 Datasheet HTML 19Page - STMicroelectronics SPEAR1310 Datasheet HTML 20Page - STMicroelectronics SPEAR1310 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
SPEAr1310
Static RAM (SRAM)
Doc ID 17528 Rev 4
17/57
8
Static RAM (SRAM)
SPEAr1310 has internal static RAM (SRAM) areas. A part of these memory areas is used
during the bootstrap phase by BootROM firmware. After booting, all SRAM areas are fully
available for general purpose applications.
8.1
Main features
●
4 KB of Always-on RAM (SYSRAM1, single port)
When all of the power islands are switched off, SYSRAM1 maintains its data content.
●
32 KB of system RAM (SYSRAM0, single port)
When all of the power islands are switched off, SYSRAM0 loses its data content.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57