Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1310 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 28Page - STMicroelectronics SPEAR1310 Datasheet HTML 29Page - STMicroelectronics SPEAR1310 Datasheet HTML 30Page - STMicroelectronics SPEAR1310 Datasheet HTML 31Page - STMicroelectronics SPEAR1310 Datasheet HTML 32Page - STMicroelectronics SPEAR1310 Datasheet HTML 33Page - STMicroelectronics SPEAR1310 Datasheet HTML 34Page - STMicroelectronics SPEAR1310 Datasheet HTML 35Page - STMicroelectronics SPEAR1310 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
Controller area network interfaces (CAN)
SPEAr1310
32/57
Doc ID 17528 Rev 4
19
Controller area network interfaces (CAN)
19.1
Main features
●
CAN protocol version 2.0 part A and B
●
Bit rates up to 1 Mbps
●
32 message objects (136 x 32-bit message RAM)
●
Each message object has its own identifier mask
●
Maskable interrupt
●
Programmable loop-back mode for self-test operation
●
Disabled automatic retransmission mode for time triggered CAN applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57