Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1310 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 27Page - STMicroelectronics SPEAR1310 Datasheet HTML 28Page - STMicroelectronics SPEAR1310 Datasheet HTML 29Page - STMicroelectronics SPEAR1310 Datasheet HTML 30Page - STMicroelectronics SPEAR1310 Datasheet HTML 31Page - STMicroelectronics SPEAR1310 Datasheet HTML 32Page - STMicroelectronics SPEAR1310 Datasheet HTML 33Page - STMicroelectronics SPEAR1310 Datasheet HTML 34Page - STMicroelectronics SPEAR1310 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
SPEAr1310
USB On-The-Go controller (OTG)
Doc ID 17528 Rev 4
31/57
18
USB On-The-Go controller (OTG)
18.1
Main features
●
Complies with the On-The-Go supplement to the USB 2.0 specification (revision 1.3)
●
Supports the session request protocol (SRP)
●
Supports the Host negotiation protocol (HNP)
●
A PHY interface implementing the USB 2.0 transceiver macrocell interface (UTMI+
specification, revision 1.0 (Level 3)) to execute serialization and de-serialization of
transmissions over the USB line
●
Unidirectional and bidirectional 16-bit UTMI data bus interfaces
●
Support for the following speeds:
–
High-speed (HS): 480-Mbps
–
Full-speed (FS): 12-Mbps
–
Low-speed (LS): 1.5-Mbps (only in Host mode)
●
Both of the DMA and slave-only modes are supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57