Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1310 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 7Page - STMicroelectronics SPEAR1310 Datasheet HTML 8Page - STMicroelectronics SPEAR1310 Datasheet HTML 9Page - STMicroelectronics SPEAR1310 Datasheet HTML 10Page - STMicroelectronics SPEAR1310 Datasheet HTML 11Page - STMicroelectronics SPEAR1310 Datasheet HTML 12Page - STMicroelectronics SPEAR1310 Datasheet HTML 13Page - STMicroelectronics SPEAR1310 Datasheet HTML 14Page - STMicroelectronics SPEAR1310 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
SPEAr1310
Multilayer interconnect matrix (BUSMATRIX)
Doc ID 17528 Rev 4
11/57
2
Multilayer interconnect matrix (BUSMATRIX)
The multilayer interconnect matrix is the connectivity infrastructure that enables data
exchange between the various blocks of the device. This structure supports parallel
communications between master and slave components, and ensures the maximum level of
system throughput.
Note:
In this document, the words initiator agent (IA) and master are synonyms ; target agent (TA)
and slave are synonyms.
2.1
Main features
●
Hierarchical structure to meet the requirements of different system blocks and
peripherals:
–
High performance low latency
–
High performance medium latency
–
Medium performance medium/long latency
–
Slow peripherals and configurations
●
Power awareness through the power down request/acknowledgement of the power
management module
●
Single interrupt for outbound signaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57