Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1310 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 9Page - STMicroelectronics SPEAR1310 Datasheet HTML 10Page - STMicroelectronics SPEAR1310 Datasheet HTML 11Page - STMicroelectronics SPEAR1310 Datasheet HTML 12Page - STMicroelectronics SPEAR1310 Datasheet HTML 13Page - STMicroelectronics SPEAR1310 Datasheet HTML 14Page - STMicroelectronics SPEAR1310 Datasheet HTML 15Page - STMicroelectronics SPEAR1310 Datasheet HTML 16Page - STMicroelectronics SPEAR1310 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
SPEAr1310
Clock and reset system
Doc ID 17528 Rev 4
13/57
4
Clock and reset system
This centralized structure provides system synchronization and includes the following
features:
●
Six PLLs. Four of them are fully programmable and offer an EMI reduction mode
(spread spectrum clock generation through dithering) that can replace all traditional
EMI reduction techniques.
–
PLL1 programmable dithered pll, dedicated for Core1 & 2 & AXI/AHB bus &
peripherals. Both core need to run at the same speed
–
PLL2 programmable dithered PLL, dedicated for the 125 MHz clock of the Gigabit
Ethernet MACs
–
PLL3 programmable dithered PLL, for specific embedded IP functions
–
PLL4 programmable dithered PLL, dedicated for the DDR memory controller
(Asynchronous access memory mode)
–
PLL5 low jitter, dedicated for the USB
–
PLL6 for the PCIe controllers
●
Several synthesizers provide different frequencies for different IPs
●
Fully programmable control of clock and reset signals for all slave blocks allowing
sophisticated power management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57