Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1310 Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 32Page - STMicroelectronics SPEAR1310 Datasheet HTML 33Page - STMicroelectronics SPEAR1310 Datasheet HTML 34Page - STMicroelectronics SPEAR1310 Datasheet HTML 35Page - STMicroelectronics SPEAR1310 Datasheet HTML 36Page - STMicroelectronics SPEAR1310 Datasheet HTML 37Page - STMicroelectronics SPEAR1310 Datasheet HTML 38Page - STMicroelectronics SPEAR1310 Datasheet HTML 39Page - STMicroelectronics SPEAR1310 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
Inter-IC sound controller (I2S)
SPEAr1310
36/57
Doc ID 17528 Rev 4
22
Inter-IC sound controller (I2S)
The I2S controller is a highly configurable IP for use in audio applications. It provides a
simple interface to standard audio components.
22.1
Main features
●
Compliant to Philips I2S serial bus specifications
●
Concurrent I2S master and slave operations
●
Supports 12/16/20/24/32 bit data interface
●
Fully synchronous design with serial clock and system clock
●
Interrupt support for reporting FIFO and other conditions
●
Programmable FIFO thresholds
●
Supports data exchange to the system memory through DMA interface
●
Software controlled block resets and enables
●
Software controlled FIFO flush



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57