Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1310 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 20Page - STMicroelectronics SPEAR1310 Datasheet HTML 21Page - STMicroelectronics SPEAR1310 Datasheet HTML 22Page - STMicroelectronics SPEAR1310 Datasheet HTML 23Page - STMicroelectronics SPEAR1310 Datasheet HTML 24Page - STMicroelectronics SPEAR1310 Datasheet HTML 25Page - STMicroelectronics SPEAR1310 Datasheet HTML 26Page - STMicroelectronics SPEAR1310 Datasheet HTML 27Page - STMicroelectronics SPEAR1310 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
Giga/Fast Ethernet media access controller (GMAC)
SPEAr1310
24/57
Doc ID 17528 Rev 4
The GMAC has the following additional features for monitoring, testing, and debugging:
●
Supports internal loopback on the GMII/MII for debugging
●
Provides DMA states (Tx and Rx) as status bits
●
Provides debug status register that gives status of FSMs in transmit and receive data-
paths and FIFO fill-levels
●
Application abort status bits
●
MMC (RMON) module in the GMAC core
●
Current Tx/Rx buffer pointer as status registers
●
Current Tx/Rx descriptor pointer as status registers
●
Statistical counters that help in calculating the bandwidth served by each transmit
channel when AV support is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57