Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1310 Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 49Page - STMicroelectronics SPEAR1310 Datasheet HTML 50Page - STMicroelectronics SPEAR1310 Datasheet HTML 51Page - STMicroelectronics SPEAR1310 Datasheet HTML 52Page - STMicroelectronics SPEAR1310 Datasheet HTML 53Page - STMicroelectronics SPEAR1310 Datasheet HTML 54Page - STMicroelectronics SPEAR1310 Datasheet HTML 55Page - STMicroelectronics SPEAR1310 Datasheet HTML 56Page - STMicroelectronics SPEAR1310 Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
SPEAr1310
Analog-to-digital converter (ADC)
Doc ID 17528 Rev 4
53/57
36
Analog-to-digital converter (ADC)
The ADC integrated in the device has the following features.
36.1
Main features
●
Successive approximation A/D conversion
●
10-bit resolution
●
1 MSPS
●
8 analog input channels (0 – 2.5 V)
●
INL ± 1 LSB
●
DNL ± 1 LSB
●
Programmable conversion speed – minimum conversion time 1 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57