Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS5294 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADS5294
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button ADS5294 Datasheet HTML 5Page - Texas Instruments ADS5294 Datasheet HTML 6Page - Texas Instruments ADS5294 Datasheet HTML 7Page - Texas Instruments ADS5294 Datasheet HTML 8Page - Texas Instruments ADS5294 Datasheet HTML 9Page - Texas Instruments ADS5294 Datasheet HTML 10Page - Texas Instruments ADS5294 Datasheet HTML 11Page - Texas Instruments ADS5294 Datasheet HTML 12Page - Texas Instruments ADS5294 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
GND
Logic 0
OUTP
OUTM
GND
Logic 0
V
= -350 mV*
ODL
Logic 0
V
= +350 mV*
ODH
VOCM
*With external 100-
termination
W
ADS5294
www.ti.com
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
DIGITAL CHARACTERISTICS
The DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level 0 or 1. AVDD = 1.8V, LVDD = 1.8V
PARAMETERS
CONDITION
MIN
TYP
MAX
UNITS
DIGITAL INPUTS/OUTPUTS
All digital inputs support 1.8-V and 3.3-V CMOS
VIH
Logic high input voltage
1.3
V
logic levels.
VIL
Logic low input voltage
0.4
V
IIH
Logic high input current
VHIGH = 1.8 V
6
µA
IIL
Logic low input current
VLOW = 0 V
< 0.1
µA
VOH
Logic high output voltage
AVDD - 0.1
V
VOL
Logic low output voltage
0.2
V
LVDS OUTPUTS
High-level output differential
VODH
100
Ω external termination
245
350
405
mV
voltage
Low-level output differential
VODL
100
Ω external termination
–245
–350
–405
mV
voltage
VOCM
Output common-mode voltage
900
1100
1300
mV
Figure 2. LVDS Output Voltage Levels
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com