Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS5294 Fiches technique(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADS5294
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294 Fiches technique(HTML) 42 Page - Texas Instruments

Back Button ADS5294 Datasheet HTML 38Page - Texas Instruments ADS5294 Datasheet HTML 39Page - Texas Instruments ADS5294 Datasheet HTML 40Page - Texas Instruments ADS5294 Datasheet HTML 41Page - Texas Instruments ADS5294 Datasheet HTML 42Page - Texas Instruments ADS5294 Datasheet HTML 43Page - Texas Instruments ADS5294 Datasheet HTML 44Page - Texas Instruments ADS5294 Datasheet HTML 45Page - Texas Instruments ADS5294 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
H(f)
H(f)
Set 1
Set 2
0.2*Fs
0.3*Fs
f
0.2*Fs
0.3*Fs
0.5*Fs
f
Set 4
Set 3
H(f)
H(f)
0.1*Fs
0.15*Fs
0.075*Fs
f
0.125*Fs
0.225*Fs
0.275*Fs
f
Set 6
Set 5
H(f)
H(f)
0.275*Fs
0.225*Fs
0.375*Fs
f
0.4*Fs 0.5*Fs f
0.35*Fs
0
1
2
10
11
10
1
0
11
1
y(n)=
(h
x(n)+h
x(n 1)+h
x(n 2)+...+h
x(n 10)+h
x(n 11)+h
x(n 12)...+h
x(n 21)+h
x(n 22)
2
æ
ö
´
´
´
-
´
-
´
-
´
-
´
-
´
-
´
-
é
ù
ç
÷ ë
û
ç
÷
è
ø
ADS5294
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
By setting the register bit <ODD_TAPn> = 1, a 23-tap FIR is implemented:
(2)
In Equation 1 and Equation 2, h0, h1 …h11 are 12 bit signed representation of the coefficients, x(n) is the input
data sequence to the filter and y(n) is the filter output sequence.
A decimation filter can be introduced at the output of each channel. To enable this feature, the
GLOBAL_EN_FILTER should be set to ‘1’. Setting this bit to ‘1’ increases the overall latency of each channel to
20 clock cycles irrespective of whether the filter for that particular channel has been chosen or not (using the
USE_FILTER bit). The bits marked FILTERn_COEFF_SET<2:0>, FILTERn_RATE<2:0>, ODD_TAPn and
USE_FILTERn represent the controls for the filter for Channel n. Note that these bits are functional only when
the GLOBAL_EN_FILTER gets set to ‘1’. For illustration, the controls for channel 1 are listed in Table 5:
The USE_FILTER1 bit determines whether the filter for Channel 1 is used or not. When this bit is set to ‘1’, the
filter for channel 1 is enabled. When this bit is set to ‘0’, the filter for channel 1 is disabled but the channel data
passes through a dummy delay so that the overall latency of channel 1 is 20 clock cycles. With the
USE_FILTER1 bit set to ‘1’, the characteristics of the filter can be set by using the other sets of bits.
The ADS5294 has 6 sets of filter coefficients stored in memory. Each of these sets define a unique pass band in
the frequency domain and contain 12 coefficients (each coefficient is 12-bit long). These 12 coefficients are used
to implement either a symmetric 24-tap (even-tap) filter, or a symmetric 23-tap (odd-tap) filter. Setting the register
bit ODD_TAP1 to ‘1’ enables the odd-tap configuration (the default is even tap with this bit set to ‘0’) for Channel
1. The bits FILTER1_COEFF_SET<2:0> can be used to choose the required set of coefficients for Channel 1.
The passbands corresponding to of each of these filter coefficient sets is shown in Figure 50
Figure 50. Filter Types
42
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com