Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS5294 Fiches technique(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADS5294
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294 Fiches technique(HTML) 32 Page - Texas Instruments

Back Button ADS5294 Datasheet HTML 28Page - Texas Instruments ADS5294 Datasheet HTML 29Page - Texas Instruments ADS5294 Datasheet HTML 30Page - Texas Instruments ADS5294 Datasheet HTML 31Page - Texas Instruments ADS5294 Datasheet HTML 32Page - Texas Instruments ADS5294 Datasheet HTML 33Page - Texas Instruments ADS5294 Datasheet HTML 34Page - Texas Instruments ADS5294 Datasheet HTML 35Page - Texas Instruments ADS5294 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
ADS5294
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
Table 3. Summary of Functions Supported by Serial Interface (1)(2)(3)(4) (continued)
ADDR.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
DESCRIPTION
(HEX)
X
X
X
FILTER4_COEFF_SET<2:0>
Select stored coefficient set for filter 4
X
X
X
FILTER4_RATE<2:0>
Set decimation factor for filter 4
X
ODD_TAP4
Use odd tap filter 4
1: Enables filter for channel 4;
31
X
USE_FILTER4
0: Disables
X
X
X
X
HPF_CORNER _CH4
HPF corner in values k from 2 to 10
1: HPF filter enabled for the channel;
X
HPF_EN_CH4
0: Disabled
X
X
X
FILTER5_COEFF_SET<2:0>
Select stored coefficient set for filter 5
X
X
X
FILTER5_RATE<2:0>
Set decimation factor for filter 5
X
ODD_TAP5
Use odd tap filter 5
1: Enables filter for channel 5;
32
X
USE_FILTER5
0: Disables
X
X
X
X
HPF_CORNER _CH5
HPF corner in values k from 2 to 10
1: HPF filter enabled for the channel;
X
HPF_EN_CH5
0: Disabled
X
X
X
FILTER_TYPE6<2:0>
Select stored coefficient set for filter 6
X
DECBY8_6
Enables decimate by 8 filter 6
X
X
FILTER_MODE6<1:0>
Set decimation factor for filter 6
33
X
ODD_TAP6
Use odd tap filter 6
X
USE_FILTER6
Enables filter for channel 6
X
X
X
X
HPF_CORNER _CH6
HPF corner in values k from 2 to 10
X
HPF_EN_CH6
Hpf filter enable for the channel
X
X
X
FILTER_TYPE7<2:0>
Select stored coefficient set for filter 7
X
DECBY8_7
Enables decimate by 8 filter 7
X
X
FILTER_MODE7<1:0>
Set decimation factor for filter 7
34
X
ODD_TAP7
Use odd tap filter 7
X
USE_FILTER7
Enables filter for channel 7
X
X
X
X
HPF_CORNER _CH7
HPF corner in values k from 2 to 10
X
HPF_EN_CH7
Hpf filter enable for the channel
X
X
X
FILTER_TYPE8<2:0>
Select stored coefficient set for filter 8
X
DECBY8_8
Enables decimate by 8 filter 8
X
X
FILTER_MODE8<1:0>
Set decimation factor for filter 8
X
ODD_TAP8
Use odd tap filter 8
35
1: Enables filter for channel 8;
X
USE_FILTER8
0: Disables
X
X
X
X
HPF_CORNER_CH8
HPF corner in values k from 2 to 10
1: HPF filter enable for the channel;
X
HPF_EN_CH8
0: Disables
38
X
X
DATA_RATE<1:0>
Select output frame clock rate
32
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com