Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS5294 Fiches technique(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADS5294
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294 Fiches technique(HTML) 20 Page - Texas Instruments

Back Button ADS5294 Datasheet HTML 16Page - Texas Instruments ADS5294 Datasheet HTML 17Page - Texas Instruments ADS5294 Datasheet HTML 18Page - Texas Instruments ADS5294 Datasheet HTML 19Page - Texas Instruments ADS5294 Datasheet HTML 20Page - Texas Instruments ADS5294 Datasheet HTML 21Page - Texas Instruments ADS5294 Datasheet HTML 22Page - Texas Instruments ADS5294 Datasheet HTML 23Page - Texas Instruments ADS5294 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
74.0
74.5
75.0
75.5
76.0
76.5
77.0
−40
−20
0
20
40
60
80
Temperature (°C)
AVDD=1.65V
AVDD=1.7V
AVDD=1.8V
AVDD=1.9V
AVDD=1.95V
78
79
80
81
82
83
84
85
86
87
88
−40
−20
0
20
40
60
80
Temperature (°C)
AVDD=1.65V
AVDD=1.7V
AVDD=1.8V
AVDD=1.9V
AVDD=1.95V
35
40
45
50
55
60
65
82
82.5
83
83.5
84
84.5
85
85.5
86
73
73.5
74
74.5
75
75.5
76
76.5
77
Input Clock Duty Cycle (%)
SFDR
SNR
0.80
0.85
0.90
0.95
1.00
1.05
1.10
80
81
82
83
84
85
86
87
88
89
90
73
73.5
74
74.5
75
75.5
76
76.5
77
77.5
78
Analog Input Common−mode voltage (V)
SFDR
SNR
Fin = 5 MHz
ADS5294
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Typical values are at 25°C, AVDD = 1.8 V, LVDD = 1.8V, 50% clock duty cycle, –1 dBFS differential analog input, 14 Bit/80
MSPS, ADC is configured in the internal reference mode, unless otherwise noted.
Figure 20. Performance vs. Input Clock Duty Cycle
Figure 21. Performance vs. Input VCM
Figure 22. Signal -To-Noise Ratio vs. Temperature
Figure 23. Spurious-Free Dynamic Range vs. Temperature
20
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com