Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS5294 Fiches technique(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADS5294
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294 Fiches technique(HTML) 18 Page - Texas Instruments

Back Button ADS5294 Datasheet HTML 14Page - Texas Instruments ADS5294 Datasheet HTML 15Page - Texas Instruments ADS5294 Datasheet HTML 16Page - Texas Instruments ADS5294 Datasheet HTML 17Page - Texas Instruments ADS5294 Datasheet HTML 18Page - Texas Instruments ADS5294 Datasheet HTML 19Page - Texas Instruments ADS5294 Datasheet HTML 20Page - Texas Instruments ADS5294 Datasheet HTML 21Page - Texas Instruments ADS5294 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
70
71
72
73
74
75
76
77
5
15
25
35
45
55
65
75
85
Input Signal frequency (MHz)
70
72
74
76
78
80
82
84
86
5
15
25
35
45
55
65
75
85
Input Signal frequency (MHz)
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
5
10
15
20
Frequency (MHz)
SNR = 76.5 dBFS
SINAD = 76.5 dBFS
SFDR = 88.4 dBc
THD = 87 dBc
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
40
Frequency (MHz)
fIN1 = 8 MHz
fIN2 = 10 MHz
Each Tone at −7dBFS Amplitude
Two Tone IMD = −91.4 dBFS
ADS5294
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Typical values are at 25°C, AVDD = 1.8 V, LVDD = 1.8V, 50% clock duty cycle, –1 dBFS differential analog input, 14 Bit/80
MSPS, ADC is configured in the internal reference mode, unless otherwise noted.
Figure 12. FFT for 15 MHz Input Signal,
Figure 13. Two Tone Intermodulation
Sample Rate = 40 MSPS
Figure 14. Signal -To-Noise Ratio vs. Input Signal
Figure 15. Spurious-Free Dynamic Range vs. Input Signal
Frequency
Frequency
18
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com