Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS5294 Fiches technique(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADS5294
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294 Fiches technique(HTML) 24 Page - Texas Instruments

Back Button ADS5294 Datasheet HTML 20Page - Texas Instruments ADS5294 Datasheet HTML 21Page - Texas Instruments ADS5294 Datasheet HTML 22Page - Texas Instruments ADS5294 Datasheet HTML 23Page - Texas Instruments ADS5294 Datasheet HTML 24Page - Texas Instruments ADS5294 Datasheet HTML 25Page - Texas Instruments ADS5294 Datasheet HTML 26Page - Texas Instruments ADS5294 Datasheet HTML 27Page - Texas Instruments ADS5294 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Frequency (MHz)
LF noise suppression enabled
LF noise suppression disabled
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
39
39.1 39.2 39.3 39.4 39.5 39.6 39.7 39.8 39.9
40
Frequency (MHz)
LF noise suppression enabled
LF noise suppression disabled
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Input Signal Frequency (MHz)
HPF_DISABLED
HPF_ENABLED
−125
−115
−105
−95
−85
−75
−65
−55
−45
−35
−25
−15
−5
0
0
5
10
15
20
25
30
35
40
Frequency (MHz)
ADS5294
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Typical values are at 25°C, AVDD = 1.8 V, LVDD = 1.8V, 50% clock duty cycle, –1 dBFS differential analog input, 14 Bit/80
MSPS, ADC is configured in the internal reference mode, unless otherwise noted.
Figure 36. FFT with HPF Enabled and Disabled, No Signal
Figure 37. FFT (Full-Band) for 5 MHz Input Signal, Sample
Rate = 80MSPS with Low Frequency Noise Suppression
Enabled
Figure 38. FFT (0 to 1 MHz) for 5 MHz Input Signal, Sample
Figure 39. FFT (39 MHz to 40 MHz) for 5 MHz Input Signal,
Rate = 80 MSPS with Low Frequency Noise Suppression
Sample Rate = 80 MSPS with Low Frequency Noise
Enabled
Suppression Enabled
24
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com