Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS5294 Fiches technique(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADS5294
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294 Fiches technique(HTML) 59 Page - Texas Instruments

Back Button ADS5294 Datasheet HTML 55Page - Texas Instruments ADS5294 Datasheet HTML 56Page - Texas Instruments ADS5294 Datasheet HTML 57Page - Texas Instruments ADS5294 Datasheet HTML 58Page - Texas Instruments ADS5294 Datasheet HTML 59Page - Texas Instruments ADS5294 Datasheet HTML 60Page - Texas Instruments ADS5294 Datasheet HTML 61Page - Texas Instruments ADS5294 Datasheet HTML 62Page - Texas Instruments ADS5294 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
(ExpressedindBc)
DVCM
DVOUT
10
CMRR=20Log
(ExpressedindBc)
DVSUP
DVOUT
10
PSRR=20Log
10
S
N
P
THD = 10Log
P
SINAD
1.76
ENOB =
6.02
-
ADS5294
www.ti.com
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
Effective Number of Bits (ENOB) – ENOB is a measure of the converter performance as compared to the
theoretical limit based on quantization noise.
(9)
Total Harmonic Distortion (THD) – THD is the ratio of the power of the fundamental (PS) to the power of the
first nine harmonics (PD).
(10)
THD is typically given in units of dBc (dB to carrier).
Spurious-Free Dynamic Range (SFDR) – The ratio of the power of the fundamental to the highest other
spectral component (either spur or harmonic). SFDR is typically given in units of dBc (dB to carrier).
Two-Tone Intermodulation Distortion – IMD3 is the ratio of the power of the fundamental (at frequencies f1
and f2) to the power of the worst spectral component at either frequency 2f1 – f2 or 2f2 – f1. IMD3 is either given
in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the reference, or dBFS (dB
to full-scale) when the power of the fundamental is extrapolated to the converter full-scale range.
DC Power-Supply Rejection Ratio (DC PSRR) – DC PSSR is the ratio of the change in offset error to a change
in analog supply voltage. The dc PSRR is typically given in units of mV/V.
AC Power-Supply Rejection Ratio (AC PSRR) – AC PSRR is the measure of rejection of variations in the
supply voltage by the ADC. If
ΔVSUP is the change in supply voltage and ΔVOUT is the resultant change of the
ADC output code (referred to the input), then:
(11)
Voltage Overload Recovery – The number of clock cycles taken to recover to less than 1% error after an
overload on the analog inputs. This is tested by separately applying a sine wave signal with 6dB positive and
negative overload. The deviation of the first few samples after the overload (from the expected values) is noted.
Common-Mode Rejection Ratio (CMRR) – CMRR is the measure of rejection of variation in the analog input
common-mode by the ADC. If
ΔVCM_IN is the change in the common-mode voltage of the input pins and ΔVOUT is
the resulting change of the ADC output code (referred to the input), then:
(12)
Crosstalk (only for multi-channel ADCs) – This is a measure of the internal coupling of a signal from an
adjacent channel into the channel of interest. It is specified separately for coupling from the immediate
neighboring channel (near-channel) and for coupling from channel across the package (far-channel). It is usually
measured by applying a full-scale signal in the adjacent channel. Crosstalk is the ratio of the power of the
coupling signal (as measured at the output of the channel of interest) to the power of the signal applied at the
adjacent channel input. It is typically expressed in dBc.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com