Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS5294 Fiches technique(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADS5294
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294 Fiches technique(HTML) 46 Page - Texas Instruments

Back Button ADS5294 Datasheet HTML 42Page - Texas Instruments ADS5294 Datasheet HTML 43Page - Texas Instruments ADS5294 Datasheet HTML 44Page - Texas Instruments ADS5294 Datasheet HTML 45Page - Texas Instruments ADS5294 Datasheet HTML 46Page - Texas Instruments ADS5294 Datasheet HTML 47Page - Texas Instruments ADS5294 Datasheet HTML 48Page - Texas Instruments ADS5294 Datasheet HTML 49Page - Texas Instruments ADS5294 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
twidth >
1clock cycle
ADC Input
Clock
SYNC
: -1 ns<
td
< tCLK/2
tCLK/2
-1ns
tCLK/2
0ns
td
ADS5294
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
SYNCHRONIZATION PULSE
ADDR.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(HEX)
25
TP_HARD_SYNC
02
EN_SYNC
The SYNC pin can be used to synchronize the data output from channels within the same chip or from channels
across chips when decimation filters are used with reduced output data rate.
When the decimation filters are used (for example, the decimate by two filter is enabled), then, effectively, the
device outputs one digital code for every two analog input samples. If the SYNC function is not enabled, then the
filters are not synchronized (even within a chip) – this means that one channel may be sending out codes
corresponding to input samples N, N+1 and so on, while another may be sending out code corresponding to
N+1, N+2 and so on.
To achieve synchronization, the SYNC pulse must arrive at all the ADS529x chips at the same time instant (as
shown in the timing diagram of Figure 54
The ADS5294 generates an internal synchronization signal which is used to reset the internal clock dividers used
by the decimation filter.
Using the SYNC signal in this way ensures that all channels will output digital codes corresponding to the same
set of input samples.
SYNC Timings:
Synchronizing the filters using the SYNC pin is enabled by default. No register bits are required to be
written. Even EN_SYNC bit is not required.It is important for register bit TP_HARD_SYNC to be 0 for
this mode to work. As shown by Figure 54, the SYNC rising edge can be positioned anywhere within the
window. The width of the SYNC must be at least one clock cycle.
Figure 54. Synchronization Pulse Timing
Note that the SYNC DOES NOT synchronize the sampling instants of the ADC across chips. All channels within
a single chip sample their analog inputs simultaneously. To ensure that channels across two chips will sample
their analog inputs simultaneously, the input clock needs to be routed to both chips with identical length. This
ensuring that the input clocks arrive at both the chips at the same time. This needs to be taken care of in the
board design and routing. The SYNC pin cannot be used to synchronize the sampling instants.
In addition to the above, the SYNC can also be used to synchronize the RAMP test patterns across channels. In
order to synchronize the test patterns, TP_HARD_SYNC must be set as 1. Setting TP_HARD_SYNC =1 actually
disables the sync of the filters.
46
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com