Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS5294 Fiches technique(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADS5294
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294 Fiches technique(HTML) 27 Page - Texas Instruments

Back Button ADS5294 Datasheet HTML 23Page - Texas Instruments ADS5294 Datasheet HTML 24Page - Texas Instruments ADS5294 Datasheet HTML 25Page - Texas Instruments ADS5294 Datasheet HTML 26Page - Texas Instruments ADS5294 Datasheet HTML 27Page - Texas Instruments ADS5294 Datasheet HTML 28Page - Texas Instruments ADS5294 Datasheet HTML 29Page - Texas Instruments ADS5294 Datasheet HTML 30Page - Texas Instruments ADS5294 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
POWER SUPPLY
AVDD, LVDD
RESET
SEN
t
1
t
2
t
3
ADS5294
www.ti.com
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
RESET TIMING
Typical values at 25°C, MIN and MAX values across the full temperature range TMIN = –40°C to TMAX = 85°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t1
Power-on delay
Delay from power up of AVDD and LVDD to RESET pulse active
1
ms
t2
Reset pulse duration
Pulse duration of active RESET signal
50
ns
t3
Register write delay
Delay from RESET disable to CSZ active
100
ns
NOTE: A high-going pulse on RESET pin is required in serial interface mode in case of initialization through hardware reset.
For parallel interface operation, RESET has to be tied permanently HIGH.
Figure 45. Reset Timing Diagram
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com