Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS5294 Fiches technique(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADS5294
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294 Fiches technique(HTML) 25 Page - Texas Instruments

Back Button ADS5294 Datasheet HTML 21Page - Texas Instruments ADS5294 Datasheet HTML 22Page - Texas Instruments ADS5294 Datasheet HTML 23Page - Texas Instruments ADS5294 Datasheet HTML 24Page - Texas Instruments ADS5294 Datasheet HTML 25Page - Texas Instruments ADS5294 Datasheet HTML 26Page - Texas Instruments ADS5294 Datasheet HTML 27Page - Texas Instruments ADS5294 Datasheet HTML 28Page - Texas Instruments ADS5294 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
80
100
120
140
160
180
200
220
240
10
20
30
40
50
60
70
80
Sampling Frequency (MSPS)
30
50
70
90
110
130
150
170
190
10
20
30
40
50
60
70
80
Sampling Frequency (MSPS)
2−wire
1−wire
1−wire Decimate by 2
150
200
250
300
350
400
450
10
20
30
40
50
60
70
80
Sampling Frequency (MSPS)
50
75
100
125
150
175
200
225
250
275
300
325
350
10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
Sampling Frequency (MSPS)
2−wire
1−wire
1−wire Decimate by 2
ADS5294
www.ti.com
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
TYPICAL CHARACTERISTICS (continued)
Typical values are at 25°C, AVDD = 1.8 V, LVDD = 1.8V, 50% clock duty cycle, –1 dBFS differential analog input, 14 Bit/80
MSPS, ADC is configured in the internal reference mode, unless otherwise noted.
Figure 40. Power Consumption on Analog Supply
Figure 41. Power Consumption on Digital Supply
Figure 42. Supply Current on Analog Supply
Figure 43. Supply Current on Digital Supply
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com