Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS5294 Fiches technique(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADS5294
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294 Fiches technique(HTML) 44 Page - Texas Instruments

Back Button ADS5294 Datasheet HTML 40Page - Texas Instruments ADS5294 Datasheet HTML 41Page - Texas Instruments ADS5294 Datasheet HTML 42Page - Texas Instruments ADS5294 Datasheet HTML 43Page - Texas Instruments ADS5294 Datasheet HTML 44Page - Texas Instruments ADS5294 Datasheet HTML 45Page - Texas Instruments ADS5294 Datasheet HTML 46Page - Texas Instruments ADS5294 Datasheet HTML 47Page - Texas Instruments ADS5294 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
ADCLKp
LCLKp
OUTp
ADCLKp
LCLKp
OUTp
PHASE_DDR<1:0> = 00
ADCLKp
LCLKp
OUTp
PHASE_DDR<1:0> = 10
ADCLKp
LCLKp
OUTp
PHASE_DDR<1:0> = 01
PHASE_DDR<1:0> = 11
ADCLKp
LCLKp
OUTp
PHASE_DDR<1:0> = 10
ADS5294
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
Where k is set as described by the HPF_corner registers (one for each channel). Also the HPF_EN bit in each
register needs to be set to enable the HPF feature for each channel.
BIT CLOCK PROGRAMMABILITY
ADDR.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
(HEX)
42
X
X
PHASE_DDR<1:0>
46
1
X
EN_SDR
46
1
X
FALL_SDR
The output interface of the ADS5294 is normally a DDR interface, with the LCLK rising edge and falling edge
transitions in the middle of alternate data windows. This default phase is shown in Figure 51.
Figure 51. Default Phase of LCLK
The phase of LCLK can be programmed relative to the output frame clock and data using bits
PHASE_DDR<1:0>. The LCLK phase modes are shown in Figure 52.
Figure 52. Phase Programmability Modes for LCLK
44
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com