Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS5294 Fiches technique(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADS5294
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294 Fiches technique(HTML) 43 Page - Texas Instruments

Back Button ADS5294 Datasheet HTML 39Page - Texas Instruments ADS5294 Datasheet HTML 40Page - Texas Instruments ADS5294 Datasheet HTML 41Page - Texas Instruments ADS5294 Datasheet HTML 42Page - Texas Instruments ADS5294 Datasheet HTML 43Page - Texas Instruments ADS5294 Datasheet HTML 44Page - Texas Instruments ADS5294 Datasheet HTML 45Page - Texas Instruments ADS5294 Datasheet HTML 46Page - Texas Instruments ADS5294 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
k
k
2
y(n) =
[x(n) x(n 1)+y(n 1)]
2 +1
-
-
-
ADS5294
www.ti.com
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
Coefficient Sets 1 and 2 are the most appropriate when Decimation by a factor of 2 is required, whereas
Coefficient Sets 3,4,5,6 are appropriate when Decimation by a factor of 4 is desired. The computation rate of the
filter output can be independently set using the bits FILTERn_RATE<2:0>. The settings are shown in Table 5.
Table 5. Digital Filters
<USE
<DATA
FILTERn
<FILTERn
<EN CUSTOM
DECIMATION
TYPE OF FILTER
<ODD TAP>
FILTER
RATE>
RATE>
COEFF SET>
FILT>
CHn>
Built-in low-pass odd-tap filter (pass band = 0 to fS/4)
001
000
000
1
1
0
Decimate by 2
Built-in high-pass odd-tap filter (pass band = 0 to fS/4)
001
000
001
1
1
0
Built-in low-pass even-tap filter (pass band = 0 to fS/8)
010
001
010
0
1
0
Built-in first band pass even tap filter(pass band = fS/8 to fS/4)
010
001
011
0
1
0
Decimate by 4
Built-in second band pass even tap filter(pass band = fS/4 to 3
010
001
100
0
1
0
fS/8)
Built-in high pass odd tap filter (pass band = 3 fS/8 to fS/2)
010
001
101
1
1
0
Decimate by 2
Custom filter (user programmablecoefficients)
001
000
000
0 and 1
1
1
Decimate by 4
Custom filter (user programmablecoefficients)
010
001
000
0 and 1
1
1
Decimate by 8
Custom filter (user programmablecoefficients)
011
100
000
0 and 1
1
1
Bypass decimation
Custom filter (user programmablecoefficients)
0 and 1
1
1
The choice of the odd/even tap setting, filter coefficient set and the filter rate uniquely determines the filter to be
used. In addition to the preset filter coefficients, the coefficients for each of the eight filter channels can be
programmed by the user. Each of the eight channels has 12 programmable coefficients, each 12-bit long. The 96
registers with addresses from 5A (Hex) to B9 (Hex) are used to program these 8 sets of 12 programmable
coefficients. Registers 5A to 65 are used to program the 1st filter, with the 1st coefficient occupying the bits
D11..D0 of register 5A, the 2nd coefficient occupying the bits D11..D0 of register 5B, and so on. Similarly
registers 66(Hex) to 71(Hex) are used to program the 2nd filter, and so on.
When programming the filter coefficients, the D15 bit of each of the 12 registers corresponding to that filter
should be set to ‘1’. If the D15 bit of these 12 registers is set to ‘0’, then the preset coefficient (as programmed by
FILTERn_COEFF_SET<2:0>) is used even if the bits D11..D0 get programmed. By setting or not setting the D15
bits of individual filter channels to ‘1’, some filters can be made to operate with preset coefficient sets, and some
others can be made to simultaneously operate with programmed coefficient sets.
HIGH PASS FILTER
ADDR.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
(HEX)
2E
X
X
X
X
HPF_corner_CH1
2E
X
HPF_EN_CH1
2F
X
X
X
X
HPF_corner_CH2
2F
X
HPF_EN_CH2
30
X
X
X
X
HPF_corner_CH3
30
X
HPF_EN_CH3
31
X
X
X
X
HPF_corner_CH4
31
X
HPF_EN_CH4
32
X
X
X
X
HPF_corner_CH5
32
X
HPF_EN_CH5
33
X
X
X
X
HPF_corner_CH6
33
X
HPF_EN_CH6
34
X
X
X
X
HPF_corner_CH7
34
X
HPF_EN_CH7
35
X
X
X
X
HPF_corner_CH8
35
X
HPF_EN_CH8
This group of registers controls the characteristics of a digital high pass transfer function applied to the output
data, useing Equation 3:
(3)
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com