Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 158 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 158 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 154Page - STMicroelectronics PM0214 Datasheet HTML 155Page - STMicroelectronics PM0214 Datasheet HTML 156Page - STMicroelectronics PM0214 Datasheet HTML 157Page - STMicroelectronics PM0214 Datasheet HTML 158Page - STMicroelectronics PM0214 Datasheet HTML 159Page - STMicroelectronics PM0214 Datasheet HTML 160Page - STMicroelectronics PM0214 Datasheet HTML 161Page - STMicroelectronics PM0214 Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
158/245
DocID022708 Rev 4
3.10.12
VLMA, VLMS
Multiplies two floating-point values, and accumulates or subtracts the results.
Syntax
VLMA{cond}.F32 Sd, Sn, Sm
VLMS{cond}.F32 Sd, Sn, Sm
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘Sd’ is the destination floating-point value
•
‘Sn, Sm’ are the operand floating-point values.
Operation
The floating-point Multiply Accumulate instruction:
1.
Multiplies two floating-point values.
2.
Adds the results to the destination floating-point value.
The floating-point Multiply Subtract instruction:
1.
Multiplies two floating-point values.
2.
Subtracts the products from the destination floating-point value.
Places the results in the destination register.
Restrictions
There are no restrictions.
Condition flags
These instructions do not change the flags.
3.10.13
VMOV immediate
Move floating-point immediate
Syntax
VMOV{cond}.F32 Sd, #imm
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘Sd’ is the branch destination
•
‘imm’ is a floating-point constant.
Operation
This instruction copies a constant value to a floating-point register.
Restrictions
There are no restrictions.
Condition flags
These instructions do not change the flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More