Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 97 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 97 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 93Page - STMicroelectronics PM0214 Datasheet HTML 94Page - STMicroelectronics PM0214 Datasheet HTML 95Page - STMicroelectronics PM0214 Datasheet HTML 96Page - STMicroelectronics PM0214 Datasheet HTML 97Page - STMicroelectronics PM0214 Datasheet HTML 98Page - STMicroelectronics PM0214 Datasheet HTML 99Page - STMicroelectronics PM0214 Datasheet HTML 100Page - STMicroelectronics PM0214 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 245 page
background image
DocID022708 Rev 4
97/245
PM0214
The STM32 Cortex-M4 instruction set
244
3.5.14
SASX and SSAX
Signed add and subtract with exchange and Signed subtract and add with exchange.
Syntax
op{cond} {Rd}, Rm, Rn
where:
op is any of:
SASX: Signed add and subtract with exchange.
SSAX: Signed subtract and add with exchange.
‘cond’ is an optional condition code (see Conditional execution on page 64)
‘Rd’ is the destination register
‘Rn’ ,‘Rm’ are the registers holding the first and second operands
Operation
The SASX instruction:
1.
Adds the signed top halfword of the first operand with the signed bottom halfword of the
second operand.
2.
Writes the signed result of the addition to the top halfword of the destination register.
3.
Subtracts the signed bottom halfword of the second operand from the top signed
highword of the first operand.
4.
Writes the signed result of the subtraction to the bottom halfword of the destination
register.
The SSAX instruction:
1.
Subtracts the signed bottom halfword of the second operand from the top signed
highword of the first operand.
2.
Writes the signed result of the addition to the bottom halfword of the destination
register.
3.
Adds the signed top halfword of the first operand with the signed bottom halfword of the
second operand.
4.
Writes the signed result of the subtraction to the top halfword of the destination register.
Restrictions
Do not use SP and do not use PC.
Condition flags
These instructions do not affect the condition code flags.
Examples
SASX R0, R4, R5
; Adds top halfword of R4 to bottom halfword of R5 and
; writes to top halfword of R0
; Subtracts bottom halfword of R5 from top halfword of R4
; and writes to bottom halfword of R0
SSAX R7, R3, R2
; Subtracts top halfword of R2 from bottom halfword of R3
; and writes to bottom halfword of R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More