Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 154 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 154 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 150Page - STMicroelectronics PM0214 Datasheet HTML 151Page - STMicroelectronics PM0214 Datasheet HTML 152Page - STMicroelectronics PM0214 Datasheet HTML 153Page - STMicroelectronics PM0214 Datasheet HTML 154Page - STMicroelectronics PM0214 Datasheet HTML 155Page - STMicroelectronics PM0214 Datasheet HTML 156Page - STMicroelectronics PM0214 Datasheet HTML 157Page - STMicroelectronics PM0214 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
154/245
DocID022708 Rev 4
3.10.7
VDIV
Divides floating-point values.
Syntax
VDIV{cond}.F32 {Sd,} Sn, Sm
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘Sd’ is the destination register
•
‘Sn, Sm’ are the operand registers.
Operation
This instruction:
1.
Divides one floating-point value by another floating-point value.
2.
Writes the result to the floating-point destination register.
Restrictions
There are no restrictions.
Condition flags
These instructions do not change the flags.
3.10.8
VFMA, VFMS
Floating-point Fused Multiply Accumulate and Subtract.
Syntax
VFMA{cond}.F32 {Sd,} Sn, Sm
VFMS{cond}.F32 {Sd,} Sn, Sm
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘Sd’ is the destination register
•
‘Sn, Sm’ are the operand registers.
Operation
The VFMA instruction:
1.
Multiplies the floating-point values in the operand registers.
2.
Accumulates the results into the destination register.
3.
The result of the multiply is not rounded before the accumulation.
The VFMS instruction:
1.
Negates the first operand register.
2.
Multiplies the floating-point values of the first and second operand registers.
3.
Adds the products to the destination register.
4.
Places the results in the destination register.
5.
The result of the multiply is not rounded before the addition.
Restrictions
There are no restrictions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More