| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0214 Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0214 Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 245 page ![]() DocID022708 Rev 4 17/245 PM0214 The Cortex-M4 processor 244 2.1.3 Core registers Figure 2. Processor core registers Table 2. Summary of processor mode, execution privilege level, and stack usage Processor mode Used to execute Privilege level for software execution Stack used Thread Applications Privileged or unprivileged(1) 1. See CONTROL register on page 24. Main stack or process stack(1) Handler Exception handlers Always privileged Main stack Table 3. Core register set summary Name Type(1) Required privilege(2) Reset value Description R0-R12 read-write Either Unknown General-purpose registers on page 18 MSP read-write Privileged See description Stack pointer on page 18 PSP read-write Either Unknown Stack pointer on page 18 LR read-write Either 0xFFFFFFFF Link register on page 18 PC read-write Either See description Program counter on page 18 SP (R13) LR (R14) PC (R15) R5 R6 R7 R0 R1 R3 R4 R2 R10 R11 R12 R8 R9 Low registers High registers MSP ‡ PSP ‡ PSR PRIMASK FAULTMASK BASEPRI CONTROL General-purpose registers Stack Pointer Link Register Program Counter Program status register Exception mask registers CONTROL register Special registers ‡Banked version of SP ai15996 |