Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 90 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 90 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 86Page - STMicroelectronics PM0214 Datasheet HTML 87Page - STMicroelectronics PM0214 Datasheet HTML 88Page - STMicroelectronics PM0214 Datasheet HTML 89Page - STMicroelectronics PM0214 Datasheet HTML 90Page - STMicroelectronics PM0214 Datasheet HTML 91Page - STMicroelectronics PM0214 Datasheet HTML 92Page - STMicroelectronics PM0214 Datasheet HTML 93Page - STMicroelectronics PM0214 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
90/245
DocID022708 Rev 4
3.5.7
MOVT
Move top.
Syntax
MOVT{cond} Rd, #imm16
where:
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘Rd’ is the destination register
•
‘imm16’ is a 16-bit immediate constant
Operation
MOVT writes a 16-bit immediate value, imm16, to the top halfword, Rd[31:16], of its
destination register. The write does not affect Rd[15:0].
The MOV, MOVT instruction pair enables you to generate any 32-bit constant.
Restrictions
Rd must be neither SP nor PC.
Condition flags
This instruction does not change the flags.
Examples
MOVT R3, #0xF123
; write 0xF123 to upper halfword of R3,
; lower halfword and APSR are unchanged