| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0214 Fiches technique(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0214 Fiches technique(HTML) 51 Page - STMicroelectronics |
|
51 / 245 page ![]() DocID022708 Rev 4 51/245 PM0214 The STM32 Cortex-M4 instruction set 244 LDREXB Rt, [Rn] Load register exclusive with byte — 3.4.8 on page 78 LDREXH Rt, [Rn] Load register exclusive with halfword — 3.4.8 on page 78 LDRH, LDRHT Rt, [Rn, #offset] Load register with halfword — 3.4 on page 68 LDRSB, LDRSBT Rt, [Rn, #offset] Load register with signed byte — 3.4 on page 68 LDRSH, LDRSHT Rt, [Rn, #offset] Load register with signed halfword — 3.4 on page 68 LDRT Rt, [Rn, #offset] Load register with word — 3.4 on page 68 LSL, LSLS Rd, Rm, <Rs|#n> Logical shift left N,Z,C 3.5.3 on page 85 LSR, LSRS Rd, Rm, <Rs|#n> Logical shift right N,Z,C 3.5.3 on page 85 MLA Rd, Rn, Rm, Ra Multiply with accumulate, 32- bit result — 3.6.1 on page 109 MLS Rd, Rn, Rm, Ra Multiply and subtract, 32-bit result — 3.6.1 on page 109 MOV, MOVS Rd, Op2 Move N,Z,C 3.5.6 on page 88 MOVT Rd, #imm16 Move top — 3.5.7 on page 90 MOVW, MOV Rd, #imm16 Move 16-bit constant N,Z,C 3.5.6 on page 88 MRS Rd, spec_reg Move from special register to general register — 3.11.6 on page 173 MSR spec_reg, Rm Move from general register to special register N,Z,C,V 3.11.7 on page 174 MUL, MULS {Rd,} Rn, Rm Multiply, 32-bit result N,Z 3.6.1 on page 109 MVN, MVNS Rd, Op2 Move NOT N,Z,C 3.5.6 on page 88 NOP — No operation — 3.11.8 on page 175 ORN, ORNS {Rd,} Rn, Op2 Logical OR NOT N,Z,C 3.5.2 on page 84 ORR, ORRS {Rd,} Rn, Op2 Logical OR N,Z,C 3.5.2 on page 84 PKHTB, PKHBT {Rd,} Rn, Rm, Op2 Pack Halfword 3.8.1 on page 133 POP reglist Pop registers from stack — 3.4.7 on page 77 PUSH reglist Push registers onto stack — 3.4.7 on page 77 QADD {Rd,} Rn, Rm Saturating double and add 3.7.3 on page 127 QADD16 {Rd,} Rn, Rm Saturating add 16 3.7.3 on page 127 QADD8 {Rd,} Rn, Rm Saturating add 8 3.7.3 on page 127 QASX {Rd,} Rn, Rm Saturating add and subtract with exchange 3.7.4 on page 128 Table 21. Cortex-M4 instructions (continued) Mnemonic Operands Brief description Flags Page |