Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 96 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 96 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 92Page - STMicroelectronics PM0214 Datasheet HTML 93Page - STMicroelectronics PM0214 Datasheet HTML 94Page - STMicroelectronics PM0214 Datasheet HTML 95Page - STMicroelectronics PM0214 Datasheet HTML 96Page - STMicroelectronics PM0214 Datasheet HTML 97Page - STMicroelectronics PM0214 Datasheet HTML 98Page - STMicroelectronics PM0214 Datasheet HTML 99Page - STMicroelectronics PM0214 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
96/245
DocID022708 Rev 4
3.5.13
SSUB16 and SSUB8
Signed subtract 16 and Signed subtract 8
Syntax
op{cond}{Rd,} Rn, Rm
where:
op is one of:
SSUB16: Performs two 16-bit signed integer subtractions.
SSUB8: Performs four 8-bit signed integer subtractions.
‘cond’ is an optional condition code (see Conditional execution on page 64)
‘Rd’ is the destination register
‘Rn’ is the register holding the operand
‘Rm’ is the second operand register
Operation
Use these instructions to change endianness of data:
The SSUB16 instruction:
1.
Subtracts each halfword from the second operand from the corresponding halfword of
the first operand
2.
Writes the difference result of two signed halfwords in the corresponding halfword of
the destination register.
The SSUB8 instruction:
1.
Subtracts each byte of the second operand from the corresponding byte of the first
operand
2.
Writes the difference result of four signed bytes in the corresponding byte of the
destination register.
Restrictions
Do not use SP and do not use PC.
Condition flags
These instructions do not change the flags.
Examples
SSUB16 R1, R0
; Subtracts halfwords in R0 from corresponding halfword
; of R1 and writes to corresponding halfword of R1
SSUB8
R4, R0, R5
; Subtracts bytes of R5 from corresponding byte in
; R0, and writes to corresponding byte of R4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More