Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 95 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 95 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 91Page - STMicroelectronics PM0214 Datasheet HTML 92Page - STMicroelectronics PM0214 Datasheet HTML 93Page - STMicroelectronics PM0214 Datasheet HTML 94Page - STMicroelectronics PM0214 Datasheet HTML 95Page - STMicroelectronics PM0214 Datasheet HTML 96Page - STMicroelectronics PM0214 Datasheet HTML 97Page - STMicroelectronics PM0214 Datasheet HTML 98Page - STMicroelectronics PM0214 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 245 page
background image
DocID022708 Rev 4
95/245
PM0214
The STM32 Cortex-M4 instruction set
244
; Adds top halfword of R5 to bottom halfword of R3 and
; writes halved result to bottom halfword of R0.
3.5.12
SHSUB16 and SHSUB8
Signed halving subtract 16 and Signed halving subtract 8
Syntax
op{cond}{Rd,} Rn, Rm
where:
op is any of:
SHSUB16: Signed halving subtract 16
SHSUB8: Signed halving subtract 8
‘cond’ is an optional condition code (see Conditional execution on page 64)
‘Rd’ is the destination register
‘Rn’ is the register holding the operand
‘Rm’ is the second operand register
Operation
Use these instructions to add 16-bit and 8-bit data and then to halve the result before writing
the result to the destination register:
The SHSUB16 instruction:
1.
Subtracts each halfword of the second operand from the corresponding halfwords of
the first operand.
2.
Shuffles the result by one bit to the right, halving the data.
3.
Writes the halved halfword results in the destination register.
The SHSUBB8 instruction:
1.
Subtracts each byte of the second operand from the corresponding byte of the first
operand,
2.
Shuffles the result by one bit to the right, halving the data,
3.
Writes the corresponding signed byte results in the destination register.
Restrictions
Do not use SP and do not use PC.
Condition flags
These instructions do not change the flags.
Examples
SHSUB16 R1, R0
; Subtracts halfwords in R0 from corresponding halfword
; of R1 and writes to corresponding halfword of R1
SHSUB8
R4, R0, R5
; Subtracts bytes of R0 from corresponding byte in R5,
; and writes to corresponding byte in R4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More