| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0214 Fiches technique(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0214 Fiches technique(HTML) 54 Page - STMicroelectronics |
|
54 / 245 page ![]() The STM32 Cortex-M4 instruction set PM0214 54/245 DocID022708 Rev 4 STRD Rt, Rt2, [Rn, #offset] Store register two words — 3.4.2 on page 70 STREX Rd, Rt, [Rn, #offset] Store register exclusive — 3.4.8 on page 78 STREXB Rd, Rt, [Rn] Store register exclusive byte — 3.4.8 on page 78 STREXH Rd, Rt, [Rn] Store register exclusive halfword — 3.4.8 on page 78 STRH, STRHT Rt, [Rn, #offset] Store register halfword — 3.4 on page 68 STRT Rt, [Rn, #offset] Store register word — 3.4 on page 68 SUB, SUBS {Rd,} Rn, Op2 Subtract N,Z,C,V 3.5.1 on page 82 SUB, SUBW {Rd,} Rn, #imm12 Subtract N,Z,C,V 3.5.1 on page 82 SVC #imm Supervisor call — 3.11.10 on page 176 SXTAB {Rd,} Rn, Rm,{,ROR #} Extend 8 bits to 32 and add — 3.8.3 on page 135 SXTAB16 {Rd,} Rn, Rm,{,ROR #} Dual extend 8 bits to 16 and add — 3.8.3 on page 135 SXTAH {Rd,} Rn, Rm,{,ROR #} Extend 16 bits to 32 and add — 3.8.3 on page 135 SXTB16 {Rd,} Rm {,ROR #n} Signed extend byte 16 — 3.8.2 on page 134 SXTB {Rd,} Rm {,ROR #n} Sign extend a byte — 3.9.3 on page 139 SXTH {Rd,} Rm {,ROR #n} Sign extend a halfword — 3.9.3 on page 139 TBB [Rn, Rm] Table branch byte — 3.9.8 on page 146 TBH [Rn, Rm, LSL #1] Table branch halfword — 3.9.8 on page 146 TEQ Rn, Op2 Test equivalence N,Z,C 3.5.9 on page 92 TST Rn, Op2 Test N,Z,C 3.5.9 on page 92 UADD16 {Rd,} Rn, Rm Unsigned add 16 GE 3.5.16 on page 99 UADD8 {Rd,} Rn, Rm Unsigned add 8 GE 3.5.16 on page 99 USAX {Rd,} Rn, Rm Unsigned subtract and add with exchange GE 3.5.17 on page 100 UHADD16 {Rd,} Rn, Rm Unsigned halving add 16 — 3.5.18 on page 101 UHADD8 {Rd,} Rn, Rm Unsigned halving add 8 — 3.5.18 on page 101 UHASX {Rd,} Rn, Rm Unsigned halving add and subtract with exchange — 3.5.19 on page 102 UHSAX {Rd,} Rn, Rm Unsigned halving subtract and add with exchange — 3.5.19 on page 102 UHSUB16 {Rd,} Rn, Rm Unsigned halving subtract 16 — 3.5.20 on page 103 UHSUB8 {Rd,} Rn, Rm Unsigned halving subtract 8 — 3.5.20 on page 103 UBFX Rd, Rn, #lsb, #width Unsigned bit field extract — 3.9.2 on page 138 Table 21. Cortex-M4 instructions (continued) Mnemonic Operands Brief description Flags Page |