| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0214 Fiches technique(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0214 Fiches technique(HTML) 58 Page - STMicroelectronics |
|
58 / 245 page ![]() The STM32 Cortex-M4 instruction set PM0214 58/245 DocID022708 Rev 4 The CMSIS also provides a number of functions for accessing the special registers using MRS and MSR instructions (see Table 23). Table 22. CMSIS intrinsic functions to generate some Cortex-M4 instructions Instruction CMSIS intrinsic function CPSIE I void __enable_irq(void) CPSID I void __disable_irq(void) CPSIE F void __enable_fault_irq(void) CPSID F void __disable_fault_irq(void) ISB void __ISB(void) DSB void __DSB(void) DMB void __DMB(void) REV uint32_t __REV(uint32_t int value) REV16 uint32_t __REV16(uint32_t int value) REVSH uint32_t __REVSH(uint32_t int value) RBIT uint32_t __RBIT(uint32_t int value) SEV void __SEV(void) WFE void __WFE(void) WFI void __WFI(void) Table 23. CMSIS intrinsic functions to access the special registers Special register Access CMSIS function PRIMASK Read uint32_t __get_PRIMASK (void) Write void __set_PRIMASK (uint32_t value) FAULTMASK Read uint32_t __get_FAULTMASK (void) Write void __set_FAULTMASK (uint32_t value) BASEPRI Read uint32_t __get_BASEPRI (void) Write void __set_BASEPRI (uint32_t value) CONTROL Read uint32_t __get_CONTROL (void) Write void __set_CONTROL (uint32_t value) MSP Read uint32_t __get_MSP (void) Write void __set_MSP (uint32_t TopOfMainStack) PSP Read uint32_t __get_PSP (void) Write void __set_PSP (uint32_t TopOfProcStack) |