Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 81 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 81 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 77Page - STMicroelectronics PM0214 Datasheet HTML 78Page - STMicroelectronics PM0214 Datasheet HTML 79Page - STMicroelectronics PM0214 Datasheet HTML 80Page - STMicroelectronics PM0214 Datasheet HTML 81Page - STMicroelectronics PM0214 Datasheet HTML 82Page - STMicroelectronics PM0214 Datasheet HTML 83Page - STMicroelectronics PM0214 Datasheet HTML 84Page - STMicroelectronics PM0214 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 245 page
background image
DocID022708 Rev 4
81/245
PM0214
The STM32 Cortex-M4 instruction set
244
SHADD16 Signed halving add 16
SHADD16 and SHADD8 on page 93
SHADD8
Signed halving add 8
SHADD16 and SHADD8 on page 93
SHASX
Signed halving add and subtract with
exchange
SHASX and SHSAX on page 94
SHSAX
Signed halving subtract and add with
exchange
SHASX and SHSAX on page 94
SHSUB16
Signed halving subtract 16
SHSUB16 and SHSUB8 on page 95
SHSUB8
Signed halving subtract 8
SHSUB16 and SHSUB8 on page 95
SSUB16
Signed subtract 16
SSUB16 and SSUB8 on page 96
SSUB8
Signed subtract 8
SSUB16 and SSUB8 on page 96
SUB
Subtract
ADD, ADC, SUB, SBC, and RSB on page 82
SUBW
Subtract
ADD, ADC, SUB, SBC, and RSB on page 82
TEQ
Test equivalence
SADD16 and SADD8 on page 92
TST
Test
SADD16 and SADD8 on page 92
UADD16
Unsigned add 16
UADD16 and UADD8 on page 99
UADD8
Unsigned add 8
UADD16 and UADD8 on page 99
UASX
Unsigned add and subtract with
exchange
UASX and USAX on page 100
USAX
Unsigned subtract and add with
exchange
UASX and USAX on page 100
UHADD16 Unsigned halving add 16
UHADD16 and UHADD8 on page 101
UHADD8
Unsigned halving add 8
UHADD16 and UHADD8 on page 101
UHASX
Unsigned halving add and subtract
with exchange
UHASX and UHSAX on page 102
UHSAX
Unsigned halving subtract and add
with exchange
UHASX and UHSAX on page 102
UHSUB16 Unsigned halving subtract 16
UHSUB16 and UHSUB8 on page 103
UHSUB8
Unsigned halving subtract 8
UHSUB16 and UHSUB8 on page 103
USAD8
Unsigned sum of absolute differences
USAD8 on page 105
USADA8
Unsigned sum of absolute differences
and accumulate
USADA8 on page 106
USUB16
Unsigned subtract 16
USUB16 and USUB8 on page 107
USUB8
Unsigned subtract 8
USUB16 and USUB8 on page 107
Table 28. Data processing instructions (continued)
Mnemonic
Brief description
See



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More