Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 155 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 155 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 151Page - STMicroelectronics PM0214 Datasheet HTML 152Page - STMicroelectronics PM0214 Datasheet HTML 153Page - STMicroelectronics PM0214 Datasheet HTML 154Page - STMicroelectronics PM0214 Datasheet HTML 155Page - STMicroelectronics PM0214 Datasheet HTML 156Page - STMicroelectronics PM0214 Datasheet HTML 157Page - STMicroelectronics PM0214 Datasheet HTML 158Page - STMicroelectronics PM0214 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 245 page
background image
DocID022708 Rev 4
155/245
PM0214
The STM32 Cortex-M4 instruction set
244
Condition flags
These instructions do not change the flags.
3.10.9
VFNMA, VFNMS
Floating-point Fused Negate Multiply Accumulate and Subtract.
Syntax
VFNMA{cond}.F32 {Sd,} Sn, Sm
VFNMS{cond}.F32 {Sd,} Sn, Sm
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘Sd’ is the destination register
•
‘Sn, Sm’ are the operand registers.
Operation
The VFNMA instruction:
1.
Negates the first floating-point operand register.
2.
Multiplies the first floating-point operand with second floating-point operand.
3.
Adds the negation of the floating -point destination register to the product
4.
Places the result into the destination register.
The result of the multiply is not rounded before the addition.
The VFNMS instruction:
1.
Multiplies the first floating-point operand with second floating-point operand.
2.
Adds the negation of the floating-point value in the destination register to the product.
3.
Places the result in the destination register.
The result of the multiply is not rounded before the addition.
Restrictions
There are no restrictions.
Condition flags
These instructions do not change the flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More