Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 85 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 85 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 81Page - STMicroelectronics PM0214 Datasheet HTML 82Page - STMicroelectronics PM0214 Datasheet HTML 83Page - STMicroelectronics PM0214 Datasheet HTML 84Page - STMicroelectronics PM0214 Datasheet HTML 85Page - STMicroelectronics PM0214 Datasheet HTML 86Page - STMicroelectronics PM0214 Datasheet HTML 87Page - STMicroelectronics PM0214 Datasheet HTML 88Page - STMicroelectronics PM0214 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 245 page
background image
DocID022708 Rev 4
85/245
PM0214
The STM32 Cortex-M4 instruction set
244
Condition flags
If S is specified, these instructions:
•
Update the N and Z flags according to the result
•
Can update the C flag during the calculation of operand2 (see Flexible second operand
on page 59)
•
Do not affect the V flag
Examples
AND R9, R2,#0xFF00
ORREQ R2, R0, R5
ANDS R9, R8, #0x19
EORS R7, R11, #0x18181818
BIC R0, R1, #0xab
ORN R7, R11, R14, ROR #4
ORNS R7, R11, R14, ASR #32
3.5.3
ASR, LSL, LSR, ROR, and RRX
Arithmetic shift right, logical shift left, logical shift right, rotate right, and rotate right with
extend.
Syntax
op{S}{cond} Rd, Rm, Rs
op{S}{cond} Rd, Rm, #n
RRX{S}{cond} Rd, Rm
where:
•
‘op’ is one of:
ASR: Arithmetic shift right
LSL: Logical shift left
LSR: Logical shift right
ROR: Rotate right
•
‘S’ is an optional suffix. If S is specified, the condition code flags are updated on the
result of the operation (see Conditional execution on page 64)
•
‘Rd’ is the destination register
•
‘Rm’ is the register holding the value to be shifted
•
‘Rs’ is the register holding the shift length to apply to the value Rm. Only the least
significant byte is used and can be in the range 0 to 255.
•
‘n’ is the shift length. The range of shift lengths depend on the instruction as follows:
ASR: Shift length from 1 to 32
LSL: Shift length from 0 to 31
LSR: Shift length from 1 to 32
ROR: Shift length from 1 to 31
Note:
MOVS Rd, Rm is the preferred syntax for LSLS Rd, Rm, #0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More