Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 100 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 100 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 96Page - STMicroelectronics PM0214 Datasheet HTML 97Page - STMicroelectronics PM0214 Datasheet HTML 98Page - STMicroelectronics PM0214 Datasheet HTML 99Page - STMicroelectronics PM0214 Datasheet HTML 100Page - STMicroelectronics PM0214 Datasheet HTML 101Page - STMicroelectronics PM0214 Datasheet HTML 102Page - STMicroelectronics PM0214 Datasheet HTML 103Page - STMicroelectronics PM0214 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
100/245
DocID022708 Rev 4
3.5.17
UASX and USAX
Add and subtract with exchange and Subtract and add with exchange.
Syntax
op{cond} {Rd}, Rn, Rm
where:
op is one of:
UASX: Add and subtract with exchange.
USAX: Subtract and add with exchange.
‘cond’ is an optional condition code (see Conditional execution on page 64)
‘Rd’ is the destination register
‘Rn’ ‘Rm’ are registers holding the first and second operands
Operation
The UASX instruction:
1.
Subtracts the top halfword of the second operand from the bottom halfword of the first
operand.
2.
Writes the unsigned result from the subtraction to the bottom halfword of the
destination register.
3.
Adds the top halfword of the first operand with bottom halfword of the second operand.
4.
Writes the unsigned result of the addition to the top halfword of the destination register.
The USAX instruction:
1.
Adds the bottom halfword of the first operand with the top halfword of the second
operand.
2.
Writes the unsigned result of the addition to the bottom halfword of the destination
register.
3.
Subtracts the bottom halfword of the second operand from the top halfword of the first
operand.
4.
Writes the unsigned result from the subtraction to the top halfword of the destination
register.
Restrictions
Do not use SP and do not use PC.
Condition flags
These instructions do not affect the condition code flags.
Examples
UASX R0, R4, R5
; Adds top halfword of R4 to bottom halfword of R5 and
; writes to top halfword of R0
; Subtracts bottom halfword of R5 from top halfword of R0
; and writes to bottom halfword of R0
USAX R7, R3, R2
; Subtracts top halfword of R2 from bottom halfword of R3
; and writes to bottom halfword of R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More