Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 82 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 82 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 78Page - STMicroelectronics PM0214 Datasheet HTML 79Page - STMicroelectronics PM0214 Datasheet HTML 80Page - STMicroelectronics PM0214 Datasheet HTML 81Page - STMicroelectronics PM0214 Datasheet HTML 82Page - STMicroelectronics PM0214 Datasheet HTML 83Page - STMicroelectronics PM0214 Datasheet HTML 84Page - STMicroelectronics PM0214 Datasheet HTML 85Page - STMicroelectronics PM0214 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
82/245
DocID022708 Rev 4
3.5.1
ADD, ADC, SUB, SBC, and RSB
Add, add with carry, subtract, subtract with carry, and reverse subtract.
Syntax
op{S}{cond} {Rd,} Rn, Operand2
op{cond} {Rd,} Rn, #imm12; ADD and SUB only
where:
‘op’ is one of:
ADD: Add
ADC: Add with carry
SUB: Subtract
SBC: Subtract with carry
RSB: Reverse subtract
‘S’ is an optional suffix. If S is specified, the condition code flags are updated on the
result of the operation (see Conditional execution on page 64)
‘cond’ is an optional condition code (see Conditional execution on page 64)
‘Rd’ is the destination register. If Rd is omitted, the destination register is Rn
‘Rn’ is the register holding the first operand
‘Operand2’ is a flexible second operand (see Flexible second operand on page 59 for
details of the options).
‘imm12’ is any value in the range 0—4095
Operation
The ADD instruction adds the value of operand2 or imm12 to the value in Rn.
The ADC instruction adds the values in Rn and operand2, together with the carry flag.
The SUB instruction subtracts the value of operand2 or imm12 from the value in Rn.
The SBC instruction subtracts the value of operand2 from the value in Rn. If the carry flag is
clear, the result is reduced by one.
The RSB instruction subtracts the value in Rn from the value of operand2. This is useful
because of the wide range of options for operand2.
Use ADC and SBC to synthesize multiword arithmetic (see Multiword arithmetic examples
on page 83 and ADR on page 69).
ADDW is equivalent to the ADD syntax that uses the imm12 operand. SUBW is equivalent
to the SUB syntax that uses the imm12 operand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More