| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0214 Fiches technique(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0214 Fiches technique(HTML) 57 Page - STMicroelectronics |
|
57 / 245 page ![]() DocID022708 Rev 4 57/245 PM0214 The STM32 Cortex-M4 instruction set 244 3.2 CMSIS intrinsic functions ISO/IEC C code cannot directly access some Cortex-M4 instructions. This section describes intrinsic functions that can generate these instructions, provided by the CMIS and that might be provided by a C compiler. If a C compiler does not support an appropriate intrinsic function, you might have to use an inline assembler to access some instructions. The CMSIS provides the intrinsic functions listed in Table 22 to generate instructions that ANSI cannot directly access. VMOV Dd[x], Rt Copy ARM core register to scalar — 3.10.15 on page 159 VMOV Rt, Dn[x] Copy scalar to ARM core register — 3.10.16 on page 160 VMRS Rt, FPSCR Move FPSCR to ARM core register or APSR N,Z,C,V 3.10.19 on page 162 VMSR FPSCR, Rt Move to FPSCR from ARM Core register FPSCR 3.10.20 on page 163 VMUL.F32 {Sd,} Sn, Sm Floating-point multiply — 3.10.21 on page 163 VNEG.F32 Sd, Sm Floating-point negate — 3.10.22 on page 164 VNMLA.F32 Sd, Sn, Sm Floating-point multiply and add — 3.10.23 on page 165 VNMLS.F32 Sd, Sn, Sm Floating-point multiply and subtract — 3.10.23 on page 165 VNMUL {Sd,} Sn, Sm Floating-point multiply — 3.10.23 on page 165 VPOP list Pop extension registers — 3.10.24 on page 166 VPUSH list Push extension registers — 3.10.25 on page 166 VSQRT.F32 Sd, Sm Calculates floating-point square root — 3.10.26 on page 167 VSTM Rn{!}, list Floating-point register store multiple — 3.10.27 on page 167 WFE — Wait for event — 3.11.11 on page 176 WFI — Wait for interrupt — 3.11.12 on page 177 Table 21. Cortex-M4 instructions (continued) Mnemonic Operands Brief description Flags Page |