Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 48Page - STMicroelectronics PM0214 Datasheet HTML 49Page - STMicroelectronics PM0214 Datasheet HTML 50Page - STMicroelectronics PM0214 Datasheet HTML 51Page - STMicroelectronics PM0214 Datasheet HTML 52Page - STMicroelectronics PM0214 Datasheet HTML 53Page - STMicroelectronics PM0214 Datasheet HTML 54Page - STMicroelectronics PM0214 Datasheet HTML 55Page - STMicroelectronics PM0214 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
52/245
DocID022708 Rev 4
QDADD
{Rd,} Rn, Rm
Saturating add
3.7.5 on page 129
QDSUB
{Rd,} Rn, Rm
Saturating double and
subtract
3.7.5 on page 129
QSAX
{Rd,} Rn, Rm
Saturating subtract and add
with exchange
3.7.4 on page 128
QSUB
{Rd,} Rn, Rm
Saturating subtract
3.7.3 on page 127
QSUB16
{Rd,} Rn, Rm
Saturating subtract 16
3.7.4 on page 128
QSUB8
{Rd,} Rn, Rm
Saturating subtract 8
3.7.4 on page 128
RBIT
Rd, Rn
Reverse bits
—
3.7.4 on page 128
REV
Rd, Rn
Reverse byte order in a word
—
3.5.8 on page 91
REV16
Rd, Rn
Reverse byte order in each
halfword
—
3.5.8 on page 91
REVSH
Rd, Rn
Reverse byte order in bottom
halfword and sign extend
—
3.5.8 on page 91
ROR, RORS Rd, Rm, <Rs|#n>
Rotate right
N,Z,C
3.5.3 on page 85
RRX, RRXS Rd, Rm
Rotate right with extend
N,Z,C
3.5.3 on page 85
RSB, RSBS
{Rd,} Rn, Op2
Reverse subtract
N,Z,C,V 3.5.1 on page 82
SADD16
{Rd,} Rn, Rm
Signed add 16
3.5.9 on page 92
SADD8
{Rd,} Rn, Rm
Signed add 8
3.5.9 on page 92
SASX
{Rd,} Rn, Rm
Signed add and subtract with
exchange
3.5.14 on page 97
SBC, SBCS
{Rd,} Rn, Op2
Subtract with carry
N,Z,C,V 3.5.1 on page 82
SBFX
Rd, Rn, #lsb, #width
Signed bit field extract
—
3.9.2 on page 138
SDIV
{Rd,} Rn, Rm
Signed divide
—
3.6.3 on page 111
SEV
—
Send event
—
3.11.9 on page 175
SHADD16
{Rd,} Rn, Rm
Signed halving add 16
—
3.5.10 on page 93
SHADD8
{Rd,} Rn, Rm
Signed halving add 8
—
3.5.10 on page 93
SHASX
{Rd,} Rn, Rm
Signed halving add and
subtract with exchange
—
3.5.11 on page 94
SHSAX
{Rd,} Rn, Rm
Signed halving subtract and
add with exchange
—
3.5.11 on page 94
SHSUB16
{Rd,} Rn, Rm
Signed halving subtract 16
—
3.5.12 on page 95
SHSUB8
{Rd,} Rn, Rm
Signed halving subtract 8
—
3.5.12 on page 95
SMLABB,
SMLABT,
SMLATB,
SMLATT
Rd, Rn, Rm, Ra
Signed multiply accumulate
long
(halfwords)
Q
3.6.3 on page 111
SMLAD,
SMLADX
Rd, Rn, Rm, Ra
Signed multiply accumulate
dual
Q
3.6.4 on page 113
Table 21. Cortex-M4 instructions (continued)
Mnemonic
Operands
Brief description
Flags
Page