Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 34Page - STMicroelectronics PM0214 Datasheet HTML 35Page - STMicroelectronics PM0214 Datasheet HTML 36Page - STMicroelectronics PM0214 Datasheet HTML 37Page - STMicroelectronics PM0214 Datasheet HTML 38Page - STMicroelectronics PM0214 Datasheet HTML 39Page - STMicroelectronics PM0214 Datasheet HTML 40Page - STMicroelectronics PM0214 Datasheet HTML 41Page - STMicroelectronics PM0214 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 245 page
background image
The Cortex-M4 processor
PM0214
38/245
DocID022708 Rev 4
For an asynchronous exception other than reset, the processor can execute another
instruction between when the exception is triggered and when the processor enters the
exception handler.
Privileged software can disable the exceptions that Table 17 on page 37 shows as having
configurable priority, see:
System handler control and state register (SHCSR) on page 219
Interrupt clear-enable registers (NVIC_ICERx) on page 196
For more information about hard faults, memory management faults, bus faults, and usage
faults, see Section 2.4: Fault handling on page 43.
2.3.3
Exception handlers
The processor handles exceptions using:
15
-1
SysTick
Configurable(3) 0x0000003C
Asynchronous
16 and
above
0 and
above
Interrupt (IRQ)
Configurable(4)
0x00000040 and
above(5)
Asynchronous
1. To simplify the software layer, the CMSIS only uses IRQ numbers and therefore uses negative values for exceptions other
than interrupts. The IPSR returns the Exception number, see Interrupt program status register on page 21.
2. See Vector table on page 39 for more information.
3. See System handler priority registers (SHPRx) on page 217.
4. See Interrupt priority registers (NVIC_IPRx) on page 200.
5. Increasing in steps of 4.
Table 17. Properties of the different exception types (continued)
Exception
number(1)
IRQ
number(1)
Exception
type
Priority
Vector address
or offset(2)
Activation
Interrupt Service
Routines (ISRs)
Interrupts IRQ0 to IRQ81 are the exceptions handled by ISRs.
Fault handlers
Hard fault, memory management fault, usage fault, bus fault are fault
exceptions handled by the fault handlers.
System handlers
NMI, PendSV, SVCall SysTick, and the fault exceptions are all
system exceptions that are handled by system handlers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More