| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0214 Fiches technique(PDF) 145 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0214 Fiches technique(HTML) 145 Page - STMicroelectronics |
|
145 / 245 page ![]() DocID022708 Rev 4 145/245 PM0214 The STM32 Cortex-M4 instruction set 244 Other restrictions when using an IT block are: • a branch or any instruction that modifies the PC must either be outside an IT block or must be the last instruction inside the IT block. These are: – ADD PC, PC, Rm – MOV PC, Rm – B, BL, BX, BLX – any LDM, LDR, or POP instruction that writes to the PC – TBB and TBH • Do not branch to any instruction inside an IT block, except when returning from an exception handler • All conditional instructions except Bcond must be inside an IT block. Bcond can be either outside or inside an IT block but has a larger branch range if it is inside one • Each instruction inside the IT block must specify a condition code suffix that is either the same or logical inverse as for the other instructions in the block. Your assembler might place extra restrictions on the use of IT blocks, such as prohibiting the use of assembler directives within them. Condition flags This instruction does not change the flags. Example ITTE NE ; Next 3 instructions are conditional ANDNE R0, R0, R1 ; ANDNE does not update condition flags ADDSNE R2, R2, #1 ; ADDSNE updates condition flags MOVEQ R2, R3 ; Conditional move CMP R0, #9 ; Convert R0 hex value (0 to 15) into ASCII ; ('0'-'9', 'A'-'F') ITE GT ; Next 2 instructions are conditional ADDGT R1, R0, #55 ; Convert 0xA -> 'A' ADDLE R1, R0, #48 ; Convert 0x0 -> '0' IT GT ; IT block with only one conditional instruction ADDGT R1, R1, #1 ; Increment R1 conditionally ITTEE EQ ; Next 4 instructions are conditional MOVEQ R0, R1 ; Conditional move ADDEQ R2, R2, #10 ; Conditional add ANDNE R3, R3, #1 ; Conditional AND BNE.W dloop ; Branch instruction can only be used in the last ; instruction of an IT block IT NE ; Next instruction is conditional ADD R0, R0, R1 ; Syntax error: no condition code used in IT block |