Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 144 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 144 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 140Page - STMicroelectronics PM0214 Datasheet HTML 141Page - STMicroelectronics PM0214 Datasheet HTML 142Page - STMicroelectronics PM0214 Datasheet HTML 143Page - STMicroelectronics PM0214 Datasheet HTML 144Page - STMicroelectronics PM0214 Datasheet HTML 145Page - STMicroelectronics PM0214 Datasheet HTML 146Page - STMicroelectronics PM0214 Datasheet HTML 147Page - STMicroelectronics PM0214 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
144/245
DocID022708 Rev 4
3.9.7
IT
If-Then condition instruction.
Syntax
IT{x{y{z}}} cond
where:
•
‘x’ specifies the condition switch for the second instruction in the IT block.
•
‘y’ specifies the condition switch for the third instruction in the IT block.
•
‘z’ specifies the condition switch for the fourth instruction in the IT block.
•
‘cond’ specifies the condition for the first instruction in the IT block.
The condition switch for the second, third and fourth instruction in the IT block can be either:
T: Then. Applies the condition cond to the instruction.
E: Else. Applies the inverse condition of cond to the instruction.
b)
It is possible to use AL (the always condition) for cond in an IT instruction. If this is
done, all of the instructions in the IT block must be unconditional, and each of x, y,
and z must be T or omitted but not E.
Operation
The IT instruction makes up to four following instructions conditional. The conditions can be
all the same, or some of them can be the logical inverse of the others. The conditional
instructions following the IT instruction form the IT block.
The instructions in the IT block, including any branches, must specify the condition in the
{cond} part of their syntax.
Your assembler might be able to generate the required IT instructions for conditional
instructions automatically, so that you do not need to write them yourself. See your
assembler documentation for details.
A BKPT instruction in an IT block is always executed, even if its condition fails.
Exceptions can be taken between an IT instruction and the corresponding IT block, or within
an IT block. Such an exception results in entry to the appropriate exception handler, with
suitable return information in LR and stacked PSR.
Instructions designed for use for exception returns can be used as normal to return from the
exception, and execution of the IT block resumes correctly. This is the only way that a PC-
modifying instruction is permitted to branch to an instruction in an IT block.
Restrictions
The following instructions are not permitted in an IT block:
•
IT
•
CBZ and CBNZ
•
CPSID and CPSIE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More