| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0214 Fiches technique(PDF) 149 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0214 Fiches technique(HTML) 149 Page - STMicroelectronics |
|
149 / 245 page ![]() DocID022708 Rev 4 149/245 PM0214 The STM32 Cortex-M4 instruction set 244 3.10.1 VABS Floating-point Absolute. Syntax VABS{cond}.F32 Sd, Sm where: • ‘cond’ is an optional condition code, see Conditional execution on page 64. • ‘Sd, Sm’ are the destination floating-point value and the operand floating-point value. Operation This instruction: 1. Takes the absolute value of the operand floating-point register. 2. Places the results in the destination floating-point register. Restrictions There are no restrictions. Condition flags The floating-point instruction clears the sign bit. Examples VABS.F32 S4, S6 VMRS Move to ARM core register from floating-point System Register VMRS on page 162 VMSR Move to floating-point System Register from ARM Core register VMSR on page 163 VMUL Multiply floating-point VMUL on page 163 VNEG Floating-point negate VNEG on page 164 VNMLA Floating-point multiply and add VNMLA, VNMLS, VNMUL on page 165 VNMLS Floating-point multiply and subtract VNMLA, VNMLS, VNMUL on page 165 VNMUL Floating-point multiply VNMLA, VNMLS, VNMUL on page 165 VPOP Pop extension registers VPOP on page 166 VPUSH Push extension registers VPUSH on page 166 VSQRT Floating-point square root VSQRT on page 167 VSTM Store Multiple extension registers VSTM on page 167 VSTR Stores an extension register to memory VSTR on page 168 VSUB Floating-point Subtract VSUB on page 169 Table 35. Floating-point instructions Mnemonic Brief description See |