Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 123 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 123 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 119Page - STMicroelectronics PM0214 Datasheet HTML 120Page - STMicroelectronics PM0214 Datasheet HTML 121Page - STMicroelectronics PM0214 Datasheet HTML 122Page - STMicroelectronics PM0214 Datasheet HTML 123Page - STMicroelectronics PM0214 Datasheet HTML 124Page - STMicroelectronics PM0214 Datasheet HTML 125Page - STMicroelectronics PM0214 Datasheet HTML 126Page - STMicroelectronics PM0214 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 245 page
background image
DocID022708 Rev 4
123/245
PM0214
The STM32 Cortex-M4 instruction set
244
Examples
UMULL
R0, R4, R5, R6
; Unsigned (R4,R0) = R5 x R6
SMLAL
R4, R5, R3, R8
; Signed (R5,R4) = (R5,R4) + R3 x R8
3.6.12
SDIV and UDIV
Signed divide and unsigned divide.
Syntax
SDIV{cond} {Rd,} Rn, Rm
UDIV{cond} {Rd,} Rn, Rm
where:
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘Rd’ is the destination register. If Rd is omitted, the destination register is Rn
•
‘Rn,’ is the register holding the value to be divided
•
‘Rm’ is a register holding the divisor
Operation
SDIV performs a signed integer division of the value in Rn by the value in Rm.
UDIV performs an unsigned integer division of the value in Rn by the value in Rm.
For both instructions, if the value in Rn is not divisible by the value in Rm, the result is
rounded towards zero.
Restrictions
Do not use either SP or PC.
Condition flags
These instructions do not change the flags.
Examples
SDIV R0, R2, R4; signed divide, R0 = R2/R4
UDIV R8, R8, R1; unsigned divide, R8 = R8/R1