Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 119 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 119 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 115Page - STMicroelectronics PM0214 Datasheet HTML 116Page - STMicroelectronics PM0214 Datasheet HTML 117Page - STMicroelectronics PM0214 Datasheet HTML 118Page - STMicroelectronics PM0214 Datasheet HTML 119Page - STMicroelectronics PM0214 Datasheet HTML 120Page - STMicroelectronics PM0214 Datasheet HTML 121Page - STMicroelectronics PM0214 Datasheet HTML 122Page - STMicroelectronics PM0214 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 245 page
background image
DocID022708 Rev 4
119/245
PM0214
The STM32 Cortex-M4 instruction set
244
3.6.8
SMMUL
Signed most significant word multiply
Syntax
op{R}{cond} Rd, Rn, Rm
where:
•
op is one of:
SMMUL: Signed most significant word multiply
R: a rounding error flag. If R is specified, the result is rounded instead of being
truncated. In this case the constant 0x80000000 is added to the product before the high
word is extracted.
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘Rd’ is the destination register.
•
‘Rn’, ‘Rm’ are registers holding the first and second operands
Operation
The SMMUL instruction interprets the values from Rn and Rm as two’s complement 32-bit
signed integers. The SMMUL instruction:
1.
Multiplies the values from Rn and Rm.
2.
Optionally rounds the result, otherwise truncates the result.
3.
Writes the most significant signed 32 bits of the result in Rd.
Restrictions
In this instruction: Do not use SP or PC.
Condition flags
This instruction does not affect the condition code flags.
Examples
SMULL
R0, R4, R5
; Multiplies R4 and R5, truncates top 32 bits
; and writes to R0
SMULLR
R6, R2
; Multiplies R6 and R2, rounds the top 32 bits
; and writes to R6.