Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 124 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 124 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 120Page - STMicroelectronics PM0214 Datasheet HTML 121Page - STMicroelectronics PM0214 Datasheet HTML 122Page - STMicroelectronics PM0214 Datasheet HTML 123Page - STMicroelectronics PM0214 Datasheet HTML 124Page - STMicroelectronics PM0214 Datasheet HTML 125Page - STMicroelectronics PM0214 Datasheet HTML 126Page - STMicroelectronics PM0214 Datasheet HTML 127Page - STMicroelectronics PM0214 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
124/245
DocID022708 Rev 4
3.7
Saturating instructions
This section describes the saturating instructions.
For signed n-bit saturation, this means that:
•
if the value to be saturated is less than -2n-1, the result returned is -2n-1
•
if the value to be saturated is greater than 2n-1-1, the result returned is 2n-1-1
•
otherwise, the result returned is the same as the value to be saturated.
For unsigned n-bit saturation, this means that:
•
if the value to be saturated is less than 0, the result returned is 0
•
if the value to be saturated is greater than 2n-1, the result returned is 2n-1
•
otherwise, the result returned is the same as the value to be saturated.
If the returned result is different from the value to be saturated, it is called saturation. If
saturation occurs, the instruction sets the Q flag to 1 in the APSR. Otherwise, it leaves the Q
flag unchanged. To clear the Q flag to 0, you must use the MSR instruction, see MSR on
page 174.
To read the state of the Q flag, use the MRS instruction, see MRS on page 173.
Table 30. Saturating instructions
Mnemonic
Brief description
See
SSAT
Signed Saturate
SSAT and USAT on page 125
SSAT16
Signed Saturate Halfword
SSAT16 and USAT16 on page 126
USAT
Unsigned Saturate
SSAT and USAT on page 125
USAT16
Unsigned Saturate Halfword
SSAT16 and USAT16 on page 126
QADD
Saturating Add
QADD and QSUB on page 127
QSUB
Saturating Subtract
QADD and QSUB on page 127
QSUB16
Saturating Subtract 16
QADD and QSUB on page 127
QASX
Saturating Add and Subtract with Exchange
QASX and QSAX on page 128
QSAX
Saturating Subtract and Add with Exchange
QASX and QSAX on page 128
QDADD
Saturating Double and Add
QDADD and QDSUB on page 129
QDSUB
Saturating Double and Subtract
QDADD and QDSUB on page 129
UQADD16
Unsigned Saturating Add 16
UQADD and UQSUB on page 131
UQADD8
Unsigned Saturating Add 8
UQADD and UQSUB on page 131
UQASX
Unsigned Saturating Add and Subtract with Exchange
UQASX and UQSAX on page 130
UQSAX
Unsigned Saturating Subtract and Add with Exchange
UQASX and UQSAX on page 130
UQSUB16
Unsigned Saturating Subtract 16
UQADD and UQSUB on page 131
UQSUB8
Unsigned Saturating Subtract 8
UQADD and UQSUB on page 131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More