Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 105 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 105 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 101Page - STMicroelectronics PM0214 Datasheet HTML 102Page - STMicroelectronics PM0214 Datasheet HTML 103Page - STMicroelectronics PM0214 Datasheet HTML 104Page - STMicroelectronics PM0214 Datasheet HTML 105Page - STMicroelectronics PM0214 Datasheet HTML 106Page - STMicroelectronics PM0214 Datasheet HTML 107Page - STMicroelectronics PM0214 Datasheet HTML 108Page - STMicroelectronics PM0214 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 245 page
background image
DocID022708 Rev 4
105/245
PM0214
The STM32 Cortex-M4 instruction set
244
3.5.22
USAD8
Unsigned sum of absolute differences
Syntax
USAD8{cond}{Rd,} Rn, Rm
where:
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘Rd’ is the destination register
•
‘Rn’ is the first operand register
•
‘Rm’ is the second operand register
Operation
The USAD8 instruction:
1.
Subtracts each byte of the second operand register from the corresponding byte of the
first operand register.
2.
Adds the absolute values of the differences together.
3.
Writes the result to the destination register.
Restrictions
Do not use SP and do not use PC.
Condition flags
These instructions do not change the flags.
Examples
USAD8 R1, R4, R0
; Subtracts each byte in R0 from corresponding byte of
; R4 adds the differences and writes to R1
USAD8
R0, R5
; Subtracts bytes of R5 from corresponding byte in R0,
; adds the differences and writes to R0.