Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0214 Fiches technique(PDF) 102 Page - STMicroelectronics

No de pièce PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Fiches technique(HTML) 102 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 98Page - STMicroelectronics PM0214 Datasheet HTML 99Page - STMicroelectronics PM0214 Datasheet HTML 100Page - STMicroelectronics PM0214 Datasheet HTML 101Page - STMicroelectronics PM0214 Datasheet HTML 102Page - STMicroelectronics PM0214 Datasheet HTML 103Page - STMicroelectronics PM0214 Datasheet HTML 104Page - STMicroelectronics PM0214 Datasheet HTML 105Page - STMicroelectronics PM0214 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
102/245
DocID022708 Rev 4
3.5.19
UHASX and UHSAX
Unsigned halving add and subtract with exchange and Unsigned halving subtract and add
with exchange.
Syntax
op{cond} {Rd}, Rn, Rm
where:
•
op is one of:
UHASX: Add and subtract with exchange and halving.
UHSAX: Subtract and add with exchange and halving.
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘Rd’ is the destination register
•
‘Rn’ ‘Rm’ are registers holding the first and second operands
Operation
The UHASX instruction:
1.
Adds the top halfword of the first operand with the bottom halfword of second operand.
2.
Shifts the result by one bit to the right causing a divide by two, or halving.
3.
Writes the halfword result of the addition to the top halfword of the destination register.
4.
Subtracts top halfword of second operand from bottom highword of the first operand.
5.
Shifts the result by one bit to the right causing a divide by two, or halving.
6.
Writes halfword result of the division in the bottom halfword of the destination register.
The UHSAX instruction:
1.
Subtracts the bottom halfword of second operand from top highword of first operand.
2.
Shifts the result by one bit to the right causing a divide by two, or halving.
3.
Writes halfword result of the subtraction in the top halfword of the destination register.
4.
Adds the bottom halfword of the first operand with the top halfword of second operand.
5.
Shifts the result by one bit to the right causing a divide by two, or halving.
6.
Writes halfword result of the addition to the bottom halfword of the destination register.
Restrictions
Do not use SP and do not use PC.
Condition flags
These instructions do not affect the condition code flags.
Examples
UHASX
R7, R4, R2
; Adds top halfword of R4 with bottom halfword of R2
; and writes halved result to top halfword of R7
; Subtracts top halfword of R2 from bottom halfword of
; R7 and writes halved result to bottom halfword of R7
UHSAX
R0, R3, R5
; Subtracts bottom halfword of R5 from top halfword of
; R3 and writes halved result to top halfword of R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More