Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC5465B Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 36Page - STMicroelectronics STLC5465B Datasheet HTML 37Page - STMicroelectronics STLC5465B Datasheet HTML 38Page - STMicroelectronics STLC5465B Datasheet HTML 39Page - STMicroelectronics STLC5465B Datasheet HTML 40Page - STMicroelectronics STLC5465B Datasheet HTML 41Page - STMicroelectronics STLC5465B Datasheet HTML 42Page - STMicroelectronics STLC5465B Datasheet HTML 43Page - STMicroelectronics STLC5465B Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 101 page
background image
III - FUNCTIONAL DESCRIPTION (continued)
1
NRAS0
3
NRAS1
0
2
DM8/15
DM0/7
4M x 16
NCAS 1
NCAS 0
ADM0/10, NWE, NOE a re conne cte d to e a ch circuit
Figure 29 : 4M x 16 DRAM Circuit Organization
7
NRAS3
5
NRAS2
1
NRAS0
3
NRAS1
6
4
0
2
DM8/15
DM0/7
1M x 16
NCAS1
NCAS0
ADM0/9, NWE, NOE a re conne cted to e a ch circuit
Figure 28 : 1M x 16 DRAM Circuit Organization
µP
MHDLC 0
RAM
µP Bus
RAM Bus
TR O
TR I
MHDLC 1
TR O
TR I
MHDLC n
TR O
TR I
Figure 30 : Chain of n
Multi-HDLC Components
III.5.5.2 - 1M x n DRAM Signals
Signals
A22
A20
A0
6800
NRAS3
1
1
NRAS2
1
0
NRAS1
0
1
NRAS0
0
0
NCAS1
1
UDS
NCAS0
0
LDS
The Address bits delivered by the
Multi-HDLC for
1M x n DRAM circuits are :
ADM0/9 (2 x 10 = 18 bits) correspondingwith A1/20
delivered by the
µP.
III.5.5.3 - 4M x n DRAM Signals
Signals
A23
A0 or equiv.
NRAS1
1
NRAS0
0
NCAS1
1
NCAS0
0
The Address bits delivered by the
Multi-HDLC for
4M x n DRAM circuits are :
ADM0/10 (2 x 11 = 22 bits) corresponding with
A1/22 delivered by the
µP.
III.6 - Bus Arbitration
The Bus arbitration function arbitrates the access
to the bus between different entities of the circuit.
Those entities which can call for the bus are the
following :
- The receive DMA controller,
- The microprocessor,
- The transmit DMA controller,
- The Interrupt controller,
- The memory interface for refreshing the DRAM.
This list gives the memory access priorities per
default.
If the treatment of more than 32 HDLC channels is
required by the application, it is possible to chain
several
Multi-HDLC components.That is done with
two external pins (TRI, TRO) and a token ring
system.
The TRI, TRO signals are managed by the bus
arbitration function too. When a chip has finished
its tasks, it sends a pulse of 30 ns to the next chip.
STLC5465B
40/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More