Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC5465B Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 10Page - STMicroelectronics STLC5465B Datasheet HTML 11Page - STMicroelectronics STLC5465B Datasheet HTML 12Page - STMicroelectronics STLC5465B Datasheet HTML 13Page - STMicroelectronics STLC5465B Datasheet HTML 14Page - STMicroelectronics STLC5465B Datasheet HTML 15Page - STMicroelectronics STLC5465B Datasheet HTML 16Page - STMicroelectronics STLC5465B Datasheet HTML 17Page - STMicroelectronics STLC5465B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 101 page
background image
Figure 1 : General Block Diagram
II - BLOCK DIAGRAM
The top level functionalities of
Multi-HDLC appear on the general block diagram.
There are :
- The switching matrix,
- The time slot assigner,
- The 32 HDLC transmitters with associated DMA
controllers,
- The 32 HDLC receivers with associated DMA
controllers,
- The 16 Command/Indicate and Monitor Channel
transmitters belonging to two General Compo-
nent Interfaces(GCI),
- The 16 Command/Indicate and Monitor Channel
receivers belonging to two General Component
Interfaces (GCI),
- The memory interface,
- The microprocessor interface,
- The bus arbitration,
- The clock selection and time synchronization
function,
- The interrupt controller,
- The watchdog,
- The boundary scan.
STLC5465B
14/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More