| Moteur de recherche de fiches techniques de composants électroniques |
|
STLC5465B Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5465B Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 101 page ![]() TABLE OF CONTENTS (continued) Page III - FUNCTIONAL DESCRIPTION (continued) III.3.4 - CI and Monitor Channel Configuration . . . ..... ...... .. .... . . . . . . . 30 III.3.5 - CI and Monitor Transmission/Reception Command . . . . . . . . . . . . . ..... . . 30 III.4 - Microprocessor Interface . . . . . . . .... . . ..... ..... . . ..... .. . . . 34 III.4.1 - Description . . . . . . . .... . . ... ....... . . ..... .. . . . . . . . . . 34 III.4.2 - Exchange with the shared memory . . . . . . .... ... ..... ..... . . .... 35 III.4.2.1 - Write FIFO . . . . . . . . . . . . .... .. . .... . . .. . . . . . . .... . . . 35 III.4.2.2 - Read Fetch Memory . . . . . . . .... . . ..... ..... . . ..... .. . . . 35 III.4.3 - Definition of the Interface for the different microprocessors . . . . ...... ... .... 35 III.5 - Memory Interface . . . . . . . .... . . ... .... . . . . . . . . .... . . ... ..38 III.5.1 - Function Description . . . . . . . . . . . . . . . . . . . . . . . ..... ........ 38 III.5.2 - Choice of memory versus microprocessor and capacity required . . . . ...... ... 38 III.5.3 - Memory Cycle . . . . . . . .... . . ... .... . . . . . . . . .... . . ... ..38 III.5.4 - SRAM interface . . . . . . . .... . . ... .... . . . . . . . . .... . . ... ..39 III.5.5 - DRAM Interface . . . . . . . .... . . ... .... . . . . . . . . .... . . ... ..39 III.5.4.2 - 512K x n SRAM . . . . . . . . . . . . ...... ..... .... . . ... ...... 39 III.5.5.2 - 1M x n DRAM Signals . . . . . . . .... . . ..... ..... . . ..... .. . . . 40 III.5.5.3 - 4M x n DRAM Signals . . . . . . . .... . . ..... ..... . . ..... .. . . . 40 III.6 - Bus Arbitration . . . . . . . . . . . . .... .. . .... . . .. . . . . . . .... . . . 40 III.7 - Clock Selection and Time Synchronization . . . . . . . . . . . . . ..... ..... . . . 41 III.7.1 - Clock Distribution Selection and Supervision . . . . .... .. . . . . . . . . . . . . . . 41 III.7.2 - VCXO Frequency Synchronization . . . . . . .... ... ..... ..... . . .... 41 III.8 - Interrupt Controller . . . . . . . . . . . . ...... ..... .... . . ... ...... 42 III.8.1 - Description . . . . . . . .... . . ... ....... . . ..... .. . . . . . . . . . 42 III.8.2 - Operating Interrupts (INT0 Pin) . . . . . . . . . . . . . . ...... .. . . ... ... . 42 III.8.3 - Time Base Interrupts (INT1 Pin) . . . . . . . . . . . . . . . . . . . . . . . ..... . . 42 III.8.4 - Emergency Interrupts (WDO Pin) . . . . . . . . . . . . . . . . . . . . . . . ..... . . 42 III.8.5 - Interrupt Queues . . . . . . . . . . . . ...... ..... .... . . ... ...... 42 III.9 - Watchdog . . . . . . . .... . . ... ...... . . ... ...... ..... . . . . . 43 III.10 - Reset . . . . . . . . . . .... .. . . . ... . ... .. . . . .... . . ... . . . . . 43 III.11 - Boundary Scan . . . . . . . .... . . ... .... . . . . . . . . .... . . ... ..43 IV - DC SPECIFICATIONS . . . . . . . .... . . ... .... . . . . . . . . .... . . ... ..44 IV.1 - Absolute Maximum Ratings . . . . . . . . . . ..... .. . . .... . . .. . . . . . . . 44 IV.2 - Power Dissipation . . . . . . . .... . . ... .... . . . . . . . . .... . . ... ..44 IV.3 - Recommended DC Operating Conditions . . . . . . . . . . . . . ..... ..... . . . 44 IV.4 - TTL Input DC Electrical Characteristics . . . . . . . . . ...... .. . . .... . . ... 44 IV.5 - CMOS Output DC Electrical Characteristics . . . . . . . . . . . . . . ...... .. . . . 44 IV.6 - Protection . . . . . . . .... . . ... ...... . . ... ...... ..... . . . . . 44 V - CLOCK TIMING ... .. . . .... . . ... ...... . . ... ...... ..... . . . . . 45 V.1 - Synchronization Signals delivered by the system . . . . ...... ... ..... ..... 45 V.2 - TDM Synchronization . . . . . . . .... . . ....... .. . . ... ...... .... 46 V.3 - GCI Interface . . . . . . . .... . . ... ....... . . ..... .. . . . . . . . . . 47 V.4 - V* Interface . . . . . . . . . . . . .... ..... . . ..... ....... .. ... . . 48 STLC5465B 3/101 |