| Moteur de recherche de fiches techniques de composants électroniques |
|
STLC5465B Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5465B Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 101 page ![]() Frame n Frame n + 1 ITS0 ITS31 ITS0 ITS31 OTS0 OTS31 ITSx ITSx+1 ITSx+2 OTSy y> x+1 Variable Delay (OTSy - ITSx) Input Frame Output Frame 1) Case : If OTSy > ITSx + 1, then Variable Delay is : OTSy - ITSx TimeSlots Frame n Frame n + 1 ITS0 ITS31 ITS0 ITS31 OTS0 OTS31 ITSx ITSx+1 ITSx+2 OTSy x ≤ y ≤ x+ 1 32 TimeSlots Variable Delay : OTSy - ITSx + 32 TimeSlots Input Frame Output Frame 2) Case : If ITSx ≤ OTSy ≤ ITSx + 1, then Variable Delay is : OTSy - ITSx + 32 TimeSlots ITSx OTSy Frame n Frame n + 1 ITS0 ITS31 ITS0 ITS31 OTS0 OTS31 ITSx OTSy y<x 32 TimeSlots Variable Delay : 32 - (ITSx - OTSy) TimeSlots Input Frame Output Frame 3) Case : If OTSy < ITSx, then Variable Delay is : 32 - (ITSx - OTSy) TimeSlots ITSx OTSy Figure 6: Variable Delay through the matrix with ITDM = 0 III - FUNCTIONAL DESCRIPTION (continued) STLC5465B 19/101 |